Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP43216 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP43216
Description  Halfband Filter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP43216 Datasheet HTML 5Page - Intersil Corporation HSP43216 Datasheet HTML 6Page - Intersil Corporation HSP43216 Datasheet HTML 7Page - Intersil Corporation HSP43216 Datasheet HTML 8Page - Intersil Corporation HSP43216 Datasheet HTML 9Page - Intersil Corporation HSP43216 Datasheet HTML 10Page - Intersil Corporation HSP43216 Datasheet HTML 11Page - Intersil Corporation HSP43216 Datasheet HTML 12Page - Intersil Corporation HSP43216 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
3-201
Operational Modes
Decimate By 2 Filter Mode (Mode1-0 = 00)
The concept of operation for Decimate by Two Filter mode is
most easily understood by comparing the 7 tap transversal
filter implementation to the equivalent polyphase
implementation. The transversal implementation is shown in
Figure 5.
By inspecting the sum-of-products for the decimated output
in Figure 5, it is seen that even indexed input samples are
always multiplied by the even filter coefficients and the odd
samples are always multiplied by the odd coefficients. This
computational partitioning is realized in the polyphase
implementation shown in Figure 6.
In the polyphase implementation, the input data is broken into
even and odd sample streams which are processed by a set
of polyphase filters running at one half of the input data rate.
These filters are designated as even or odd tap filters
depending upon whether the coefficients were derived from
the even or odd indexed coefficients of the original transversal
filter. This architecture only produces the outputs which are
not discarded by the decimation process.
NOTE: Since the
only non-zero tap for a halfband filter is the center tap,
the Odd Tap Filter reduces to a delay and multiply
operation.
The operation of the HSP43216 in Decimate by Two mode is
analogous to the polyphase implementation in Figure 6. In
this mode, the internal data paths are routed as shown in
Figure 7A and Figure 7B. The different data flows depend on
whether internal or external multiplexing has been selected
using the INT/EXT control input. In either case, an input data
stream is decomposed into even and odd sample streams
which are then routed to the even and odd tap polyphase
filters. The output of each polyphase filter is summed and
output via AOUT0-15.
TABLE 5. OUTPUT ROUNDING CONTROL
RND
2-0
ROUND FUNCTION
000
Round output to 8 bits, AOUT15-8 and BOUT15-8,
zero lower bits.
001
Round output to 9 bits, AOUT15-7 and BOUT15-7,
zero lower bits.
010
Round output to 10 bits, AOUT15-6 and BOUT15-6,
zero lower bits.
011
Round output to 11 bits, AOUT15-5 and BOUT15-5,
zero lower bits.
100
Round output to 12 bits, AOUT15-4 and BOUT15-4,
zero lower bits.
101
Round output to 14 bits, AOUT15-2 and BOUT15-2,
zero lower bits.
110
Round output to 16 bits, AOUT15-0 and BOUT15-0.
111
Zero all outputs.
C0 C1 C2 C3 C4 C5 C6
X3,X2,X1,X0
Y(0) = X0(C0)+X1(C1)+X2(C2)+X3(C3)+X4(C4)+X5(C5)+X6(C6)
Y(1) = X1(C0)+X2(C1)+X3(C2)+X4(C3)+X5(C4)+X6(C5)+X7(C6)
Y(2) = X2(C0)+X3(C1)+X4(C2)+X5(C3)+X6(C4)+X7(C5)+X8(C6)
Y(3) = X3(C0)+X4(C1)+X5(C2)+X6(C3)+X7(C4)+X8(C5)+X9(C6)
...,Y1,Y0
2
..,Y4,Y2,Y0
Indicates samples discarded by decimation process
FIGURE 5. TRANSVERSAL IMPLEMENTATION OF DECI-
MATE BY 2 HALFBAND FILTER
C0 C2 C4 C6
...,X4,X2,X0
Y(0) = X0(C0)+X1(C1)+X2(C2)+X3(C3)+X4(C4)+X5(C5)+X6(C6)
Y(1) = X2(C0)+X3(C1)+X4(C2)+X5(C3)+X6(C4)+X7(C5)+X8(C6)
..,Y2,Y1,Y0
C1 C3 C5
R
E
G
ODD TAP FILTER
EVEN TAP FILTER
...,X5,X3,X1
+
FIGURE 6. POLYPHASE IMPLEMENTATION OF DECIMATE
BY 2 HALFBAND FILTER
HSP43216


Similar Part No. - HSP43216

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216 Datasheet
589Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
434Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216JC-52 INTERSIL-HSP43216JC-52 Datasheet
589Kb / 20P
   Halfband Filter
HSP43216JC-52 INTERSIL-HSP43216JC-52 Datasheet
434Kb / 20P
   Halfband Filter
More results

Similar Description - HSP43216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_08 Datasheet
434Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216_07 Datasheet
589Kb / 20P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com