Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M85C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M85C
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M85C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M85C_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M85C_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M85C_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V3
M85 / M85C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 2 TO 18 GHz
• RF 2 TO 18 GHz
• IF 0 TO 1000 MHz
• LO DRIVE: +7 dBm (NOMINAL)
• DC COUPLED I-PORT
• WIDE BANDWIDTH
Description
The M85 is a double balanced mixer, designed for use in military,
commercial and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband soft dielectric and
ferrite baluns to attain excellent performance. This mixer can also
be used as a phase detector and/or bi-phase modulator since the
IF port is DC coupled to the diodes. The use of high temperature
solder and welded assembly processes used internally makes it
ideal for use in manual, semi-automated assembly. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202,
or
Ordering Information
Part Number
Package
M85
Minpac
M85C
SMA Connectorized
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 4 to 14 GHz, fL = 3 to 15 GHz, fI = 0 to 1 GHz
fR = 22 to 3 GHz, fL = 2 to 3 GHz, fI = 0 to 1 GHz
fR = 3 to 18 GHz, fL = 3 to 18 GHz, fI = 0 to 1 GHz
dB
dB
dB
7.0
10.0
8.5
9.0
11.0
10.5
9.5
11.5
11.0
Isolation, L to R (min)
fL = 2 to 18 GHz
dB
35
22
20
Isolation, L to I (min)
fL = 2 to 18 GHz
dB
20
15
13
1 dB Conversion Comp.
fL = +7 dBm
dBm
+1
Input IP3
fR1=5 GHz at –10 dBm,fR2=5.01GHz at –10 dBm,
fL = 5.5 GHz at = +7 dBm
fR1=15 GHz at –10 dBm,fR2=15.01GHz at –10 dBm,
fL = 14.5 GHz at = +7 dBm
dBm
dBm
+10
+10
Isolation, R to I (min)
fL = 2 to 18 GHz
dB
20
Product Image


Similar Part No. - M85C_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M85C MACOM-M85C Datasheet
135Kb / 2P
   DOUBLE-BALANCED MIXER
M85C MACOM-M85C Datasheet
467Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M85C MA-COM-M85C Datasheet
1Mb / 3P
   Double-Balanced Mixer
M85C MA-COM-M85C Datasheet
1Mb / 3P
   Double-Balanced Mixer
M85C MA-COM-M85C Datasheet
672Kb / 4P
   Double-Balanced Mixer
More results

Similar Description - M85C_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com