Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS0-RTX2010RH-Q Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS0-RTX2010RH-Q
Description  Radiation Hardened Real Time Express??Microcontroller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-RTX2010RH-Q Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS0-RTX2010RH-Q Datasheet HTML 4Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 5Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 6Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 7Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 8Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 9Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 10Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 11Page - Intersil Corporation HS0-RTX2010RH-Q Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
NOTES:
11. Events in an interrupt sequence are as follows:
e1. The Interrupt Controller samples the interrupt request inputs on the rising edge of PCLK. If NMI rises between e1 and the rising edge of
PCLK prior to e5, the interrupt vector will be for NMI.
e2. If any interrupt requests were sampled, the Interrupt Controller issues an interrupt request to the core on the falling edge of PCLK.
e3. The core samples the state of the interrupt requests from the Interrupt Controller on the falling edge of PCLK. If INTSUP is high, maskable
interrupts will not be detected at this time.
e4. When the core samples an interrupt request on the falling edge of PCLK, an Interrupt Acknowledge cycle will begin on the next rising edge
of PCLK.
e5. Following the detection of an interrupt request by the core, an Interrupt Acknowledge cycle begins. The interrupt vector will be based on the
highest priority interrupt request active at this time.
12. t44 is only required to determine when the Interrupt Acknowledge cycle will occur.
13. Interrupt requests should be held active until the Interrupt Acknowledge cycle for that interrupt occurs.
FIGURE 6. INTERRUPT TIMING: WITH INTERRUPT SUPPRESSION
FIGURE 7. INTERRUPT TIMING: WITH NO INTERRUPT SUPPRESSION
Timing Diagrams (Continued)
MA
INTA
INTSUP
PCLK
e1
e2
e3
e4
e5
t44
t46
t47
t46
t47
t67
t68
t28
t26
EI
INT VECTOR
e1
e2
e4
e5
t44
t46
t47
t67
t68
t26
t28
MA
INTA
INTSUP
PCLK
EI
INT VECTOR
HS-RTX2010RH


Similar Part No. - HS0-RTX2010RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-0546RH-Q INTERSIL-HS0-0546RH-Q Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS0-0546RH-Q INTERSIL-HS0-0546RH-Q Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS0-0547RH-Q INTERSIL-HS0-0547RH-Q Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS0-0547RH-Q INTERSIL-HS0-0547RH-Q Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HS0-117EH-Q RENESAS-HS0-117EH-Q Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results

Similar Description - HS0-RTX2010RH-Q

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com