Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP-EVAL Datasheet(PDF) 2 Page - Intersil Corporation

Part # HSP-EVAL
Description  DSP Evaluation Platform
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP-EVAL Datasheet(HTML) 2 Page - Intersil Corporation

  HSP-EVAL Datasheet HTML 1Page - Intersil Corporation HSP-EVAL Datasheet HTML 2Page - Intersil Corporation HSP-EVAL Datasheet HTML 3Page - Intersil Corporation HSP-EVAL Datasheet HTML 4Page - Intersil Corporation HSP-EVAL Datasheet HTML 5Page - Intersil Corporation HSP-EVAL Datasheet HTML 6Page - Intersil Corporation HSP-EVAL Datasheet HTML 7Page - Intersil Corporation HSP-EVAL Datasheet HTML 8Page - Intersil Corporation HSP-EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Getting Started
The HSP-EVAL was designed to operate in conjunction with
daughter boards designed for the HSPXXXXX family of DSP
products. A simple procedure for assembly and operation of
the target daughter board with the HSP-EVAL is described in
the respective daughter board’s User’s Manual. What follows
in this document is a detailed description of the HSP-EVAL
and its operation.
Bus Structure
The HSP-EVAL utilizes a series of 16-bit busses for daughter
board input, output and control as shown in Figure 1. The
input and output busses interface the daughter board to the
outside world through 96 Pin DIN connectors conforming to
the VME J2/P2 connector standard. Daughter board control is
provided by register driven control busses down loaded with
data via the parallel port of a PC. For added flexibility, the
input busses may also be register driven with down loaded
data.
Two input busses, IN1_0-15 and IN2_0-15, bring data from
the 96 Pin DIN connector (P1) to the daughter board through
the 50 position Input Connector (J1). Each input bus is 16
bits wide and the signal mapping for the above connectors is
given in Tables 1 and 3. As an alternative, the input busses
may be driven by registers which have been down loaded
with data through the Parallel Port Bus.
Two output busses, OUT1_0-15 and OUT2_0-15, carry
daughter board output from the 50 Pin Output Connector
(J2) to the 96 Pin DIN connector (P2). Each output bus is 16
bits wide and the signal mapping for the above connectors is
given in Tables 2 and 4. A shift register is provided to
serialize data on the output busses for transmission via the
Parallel Port Bus.
A status bus, STAT0-3, maps four status outputs from the
daughter board Output Connector J2 to the Configuration
Jumper Field (J4). The Configuration Jumper Field is used to
select one of the four status lines for transmission via the
Parallel Port Bus (see Configuration Jumper Field Section).
The two control busses, IN3_0-15 and CTL0-15, connect a
set of registers to the 50 Pin Control Connector (J3). Each
control bus is 16 bits wide and the signal mapping for the J3
Control Connector is shown in Table 5. The four least
significant bits of the CTL0-15 bus are also used to control
the operation of the HSP-EVAL (see Register Structure
Section). As with the registers driving the input busses, the
registers driving the control busses are down loaded with
data via the Parallel Port Bus.
Parallel Port Bus
The Parallel Port Bus carries the data and signals required
to support bidirectional data transfers between the HSP-
EVAL and the parallel port of an IBM PC or compatible. The
port bus contains eight data lines, PCD0-7, two control lines,
PCWR0-1, and three serial output lines, PCRD0-2. The con-
trol and data lines are used to down load data into the HSP-
EVAL's on board registers via the Parallel Port Interface. The
serial output lines carry daughter board status and output
serialized by the On Board Shift Register.
INPUT
REG 2
16
OUTPUT BUS 1
OUTPUT BUS 2
INPUT BUS 1
26 PIN HEADER
16
CONTROL CONNECTOR
SHIFT REGISTER
OUTPUT
OUTPUT
ADDRESS
CLK
CONFIGURATION JUMPER FIELD (J4)
SELECT
ENABLE
SELECT
SELECT
OSC
EXT CLK
CLK OUT
CLK IN
INPUT
REG 1
INPUT
REG 3
CTL CONTROL
REG
INTERFACE
CTL2-3
CTL0
PARALLEL PORT BUS
(IN1_0-15)
INPUT BUS 2
(IN2_0-15)
16
(OUT1_0-15)
(OUT2_0-15)
16
16
16
SHROUDED HEADER
(J5)
PARALLEL PORT
(J3)
13
FIGURE 1. BLOCK DIAGRAM OF HSP-EVAL
HSP-EVAL


Similar Part No. - HSP-EVAL

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HSP-1 CRYDOM-HSP-1 Datasheet
421Kb / 3P
   Panel Mount
logo
M-System Co.,Ltd.
HSP-10-R MSYSTEM-HSP-10-R Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HSP-10-R/Q MSYSTEM-HSP-10-R/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HSP-11-R MSYSTEM-HSP-11-R Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HSP-11-R/Q MSYSTEM-HSP-11-R/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HSP-EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
   DDC Evaluation Platform
HSP50215EVAL INTERSIL-HSP50215EVAL Datasheet
882Kb / 45P
   DSP Modulator Evaluation Board
logo
Analog Devices
HSC-ADC-EVALCZ AD-HSC-ADC-EVALCZ Datasheet
2Mb / 32P
   High Speed Converter Evaluation Platform
REV. 0
logo
Epson Company
S4J21010 EPSON-S4J21010 Datasheet
143Kb / 4P
   High Resolution EPD Evaluation Platform
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
   Evaluation platform based on the BlueNRG-2
Rev 3 - February 2018
logo
Microchip Technology
DS41401A MICROCHIP-DS41401A Datasheet
687Kb / 42P
   F1 Evaluation Platform for Enhanced PIC짰 Microcontrollers
2009
logo
Recom International Pow...
RPL-3.0-EVM-1 RECOM-RPL-3.0-EVM-1 Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
logo
TEXAS ADVANCED OPTOELEC...
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
   evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Microchip Technology
DS41614A MICROCHIP-DS41614A Datasheet
4Mb / 44P
   F1 LV Evaluation Platform for Enhanced PIC짰 Microcontrollers
2011
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
   Evaluation Board to be an easy-to-use platform to evaluate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com