Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-OP470ARH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9-OP470ARH
Description  Radiation Hardened, Very Low Noise Quad Operational Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-OP470ARH Datasheet(HTML) 1 Page - Intersil Corporation

  HS9-OP470ARH Datasheet HTML 1Page - Intersil Corporation HS9-OP470ARH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
February 1998
HS-OP470ARH
Radiation Hardened, Very Low Noise
Quad Operational Amplifier
Features
• QML Qualified Per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 105 RAD(Si)
• Low Noise
- At 1kHz . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/
√Hz (Typ)
- At 1kHz . . . . . . . . . . . . . . . . . . . . . . . .0.6pA/
√Hz (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . 2.1mV (Max)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . 1.7V/
µs (Min)
• Gain Bandwidth Product . . . . . . . . . . . . . 8.0MHz (Typ)
Applications
• High Q, Active Filters
• Voltage Regulators
• Integrators
• Signal Generators
• Voltage References
• Space Environments
Description
The HS-OP470ARH is a radiation hardened, monolithic quad
operational amplifier that provides highly reliable performance
in harsh radiation environments. Its excellent noise characteris-
tics coupled with an unique array of dynamic specifications
make this amplifier well-suited for a variety of satellite system
applications. Dielectrically isolated, bipolar processing makes
this device immune to Single Event Latch-up.
The HS-OP470ARH shows almost no change in offset voltage
after exposure to 100K RAD(Si) gamma radiation, with only a
minor increase in current. Complementing these specifications
is a post radiation open loop gain in excess of 40kV/V.
This quad operational amplifier is available in an industry
standard pinout, allowing for immediate interchangeability
with most other quad operational amplifiers.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC).
SMD numbers must be used when ordering.
Detailed Electrical Specifications for this are contained
in SMD 5962-98533. A “hot-link” is provided on our
homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm
Ordering Information
Pinout
HS-OP470ARH (FLATPACK)
TOP VIEW
SMD PART NUMBER
INTERSIL PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CASE OUTLINE
5962R9853301VXC
HS9-OP470ARH-Q
-55 to 125
14 Ld Flatpack
CDFP3-F14
N/A
HS9-OP470ARH/Sample
25
14 Ld Flatpack
CDFP3-F14
V+
OUT 1
-IN1
+IN1
+IN2
-IN2
OUT 2
V-
OUT 3
OUT 4
-IN3
+IN3
+IN4
-IN4
14
13
12
11
10
9
8
2
3
4
5
6
7
1
File Number
4471
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HS9-OP470ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-1135RH/PROTO INTERSIL-HS9-1135RH/PROTO Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS9-1254RH INTERSIL-HS9-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HS9-1254RH-Q INTERSIL-HS9-1254RH-Q Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HS9-139EH-Q INTERSIL-HS9-139EH-Q Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS9-139EH-Q RENESAS-HS9-139EH-Q Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
More results

Similar Description - HS9-OP470ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com