Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-82C54RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS9-82C54RH
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C54RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS9-82C54RH Datasheet HTML 1Page - Intersil Corporation HS9-82C54RH Datasheet HTML 2Page - Intersil Corporation HS9-82C54RH Datasheet HTML 3Page - Intersil Corporation HS9-82C54RH Datasheet HTML 4Page - Intersil Corporation HS9-82C54RH Datasheet HTML 5Page - Intersil Corporation HS9-82C54RH Datasheet HTML 6Page - Intersil Corporation HS9-82C54RH Datasheet HTML 7Page - Intersil Corporation HS9-82C54RH Datasheet HTML 8Page - Intersil Corporation HS9-82C54RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
951
Specifications HS-82C54RH
Command Recovery Time
TRHRL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
320
-
ns
WRITE CYCLE
Address Stable Before WR
TAVWL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC0
-
ns
CS Stable Before WR
TSLWL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC0
-
ns
Address Hold Time After WR
TWHAX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC0
-
ns
WR Pulse Width
TWLWH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
240
-
ns
Data Setup Time Before WR
TDVWH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
225
-
ns
Data Hold Time After WR
TWHDX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC35
-
ns
Command Recovery Time
TWHWL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
320
-
ns
CLOCK AND GATE
Clock Period
TCLCL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
200
-
ns
High Pulse Width
TCHCL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
100
-
ns
Low Pulse Width
TCLCH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
100
-
ns
Gate Width High
TGHGL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC80
-
ns
Gate Width Low
TGLGH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC80
-
ns
Gate Setup Time to CLK
TGVCH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC80
-
ns
Gate Hold Time After CLK
TCHGX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC80
-
ns
Output Delay from CLK
TCLOV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
-
240
ns
Output Delay from Gate
TGLOV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
-
200
ns
Data Delay from Address Read
TAVAV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
-
275
ns
Output Delay from WR High
TWHOV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
-
260
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz,
All measurements referenced to device ground.
TA = +25
oC
-
15
pF
Output Capacitance
COUT
VDD = Open, f = 1MHz,
All measurements referenced to device ground.
TA = +25
oC
-
15
pF
I/O Capacitance
COUT
VDD = Open, f = 1MHz,
All measurements referenced to device ground.
TA = +25
oC
-
20
pF
TIMING REQUIREMENTS
RD/ to Data Float
TRHDZ
VDD = 4.5V and 5.5V
-55oC < TA < +125
oC
8
145
ns
TIMING RESPONSES
Clock Rise Time
TCH1CH2
VDD = 4.5V and 5.5V, 1.0V to 3.5V
-55oC < TA < +125
oC
-
25
ns
Clock Fall Time
TCL1CL2
VDD = 4.5V and 5.5V, 3.5V to 1.0V
-55oC < TA < +125
oC
-
25
ns
NOTE: The parameters listed are controlled via design or process parameters and are not directly tested. These parameters are character-
ized upon initial design release and upon design changes which would affect these characteristics.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
AC’s Tested at Worst Case VDD (s), Guaranteed Over Full Operating Range.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Spec Number
518059


Similar Part No. - HS9-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-82C54RH-8 INTERSIL-HS9-82C54RH-8 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS9-82C54RH-8 RENESAS-HS9-82C54RH-8 Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS9-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com