Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-82C37ARH-Q Datasheet(PDF) 9 Page - Intersil Corporation

Part # HS9-82C37ARH-Q
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-82C37ARH-Q Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HS9-82C37ARH-Q Datasheet HTML 5Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 6Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 7Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 8Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 9Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 10Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 11Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 12Page - Intersil Corporation HS9-82C37ARH-Q Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
926
Specifications HS-82C37ARH
TABLE 4. POST 100K RAD ELECTRICAL PERFORMANCE CHARACTERISTICS
NOTE:
See +25oC limits in Table 1 and Table 2 for Post RAD limits (Subgroups 1, 7 and 9).
TABLE 5. BURN-IN DELTA PARAMETERS (+25oC)
PARAMETER
SYMBOL
DELTA LIMITS
Standby Power Supply Current
IDDSB
± 20µA
Output Leakage Current
IOZL, IOZH
± 2µA
Input Leakage Current
IIH, IIL
± 200nA
Output Low Voltage
VOL
± 80mV
TTL Output High Voltage
VOH1
± 600mV
CMOS Output High Voltage
VOH2
± 150mV
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE
GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
TESTED FOR -Q
RECORDED
FOR -Q
TESTED FOR -8
RECORDED
FOR -8
Initial Test
100% 5004
1, 7, 9
1 (Note 2)
1, 7, 9
Interim Test
100% 5004
1, 7, 9,
1,
∆ (Note 2)
1, 7, 9
PDA
100% 5004
1, 7,
-
1, 7
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
-
2, 3, 8A, 8B, 10, 11
Group A (Note 1)
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
-
1, 2, 3, 7, 8A, 8B, 9,
10, 11
Subgroup B5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11,
1, 2, 3,
∆ (Note 2)
N/A
Subgroup B6
Sample 5005
1, 7, 9
-
N/A
Group C
Sample 5005
N/A
N/A
1, 2, 3, 7, 8A, 8B, 9,
10, 11
Group D
Sample 5005
1, 7, 9
-
1, 7, 9
Group E, Subgroup 2
Sample 5005
1, 7, 9
-
1, 7, 9
NOTES:
1. Alternate Group A testing in accordance with MIL-STD-883 method 5005 may be exercised.
2. Table 5 parameters only
Spec Number
518058


Similar Part No. - HS9-82C37ARH-Q

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS9-82C37ARH-Q HARRIS-HS9-82C37ARH-Q Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS9-82C37ARH-Q INTERSIL-HS9-82C37ARH-Q Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS9-82C37ARH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com