Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-80C86RH Datasheet(PDF) 10 Page - Intersil Corporation

Part # HS1-80C86RH
Description  Radiation Hardened 16-Bit CMOS Microprocessor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-80C86RH Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HS1-80C86RH Datasheet HTML 6Page - Intersil Corporation HS1-80C86RH Datasheet HTML 7Page - Intersil Corporation HS1-80C86RH Datasheet HTML 8Page - Intersil Corporation HS1-80C86RH Datasheet HTML 9Page - Intersil Corporation HS1-80C86RH Datasheet HTML 10Page - Intersil Corporation HS1-80C86RH Datasheet HTML 11Page - Intersil Corporation HS1-80C86RH Datasheet HTML 12Page - Intersil Corporation HS1-80C86RH Datasheet HTML 13Page - Intersil Corporation HS1-80C86RH Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
865
Spec Number
518055
Specifications HS-80C86RH
Status Inactive Delay
(Note 4)
TCLSH
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
10
130
ns
Address Valid Delay
TCLAV
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
10
110
ns
RD Active Delay
TCLRL
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
10
165
ns
RD Inactive Delay
TCLRH
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
10
150
ns
RD Inactive to Next
Address Active
TRHAV
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
TCLCL -
45
-ns
GT Active Delay
TCLGL
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
085
ns
GT Inactive Delay
TCLGH
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
085
ns
RD Width
TRLRH
VDD = 4.75V
9, 10, 11
-35oC, +25oC,
+125oC
2TCLCL -
75
-ns
Output Rise Time
TOLOH
VDD = 4.75V
From 0.8V to 2.0V
9, 10, 11
-35oC, +25oC,
+125oC
-20
ns
Output Fall Time
TOHOL
VDD = 4.75V
From 2.0V to 0.8V
9, 10, 11
-35oC, +25oC,
+125oC
-20
ns
NOTES:
1. Setup requirement for asynchronous signal only to guarantee recognition at next CLK.
2. Applies only to T2 State (8ns into T3).
3. The HS-80C86RH actively pulls the RQ/GT pin to a logic one on the following clock low time.
4. Status lines return to their inactive (logic one) state after CLK goes low and READY goes high.
TABLE 3A. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Capacitance
CIN
VDD = Open, f = 1MHz
(Note 1)
TA = +25
oC
-
15
pF
Output Capacitance
COUT
VDD = Open, f = 1MHz
(Note 1)
TA = +25
oC
-
15
pF
I/O Capacitance
CI/O
VDD = Open, f = 1MHz
(Note 1)
TA = +25
oC
-
20
pF
TIMING REQUIREMENTS
CLK Rise Time
TCH1CH2
VDD = 4.75V and 5.25V
Min and Max Mode
from 1.0V to 3.5V
-35oC < TA < +125
oC
-
15
ns
CLK Fall Time
TCL2CL1
VDD = 4.75V and 5.25V
Min and Max Mode
from 3.5V to 1.0V
-35oC < TA < +125
oC
-
15
ns
Input Rise Time
TILIH
VDD = 4.75V and 5.25V
Min and Max Mode
from 0.8V to 2.0V
-35oC < TA < +125
oC
-
25
ns
Input Fall Time
TIHIL
VDD = 4.75V and 5.25V
Min and Max Mode
from 2.0V to 0.8V
-35oC < TA < +125
oC
-
25
ns
TABLE 2B. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (MAX MODE) (Continued)
ACs tested at worst case VDD, ACs guaranteed over full operating specifications.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - HS1-80C86RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-80C86RH-8 INTERSIL-HS1-80C86RH-8 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS1-80C86RH-8 RENESAS-HS1-80C86RH-8 Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS1-80C86RH-Q INTERSIL-HS1-80C86RH-Q Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS1-80C86RH-Q RENESAS-HS1-80C86RH-Q Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS1-80C86RH/PROTO INTERSIL-HS1-80C86RH/PROTO Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results

Similar Description - HS1-80C86RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intersil Corporation
80C86 INTERSIL-80C86 Datasheet
686Kb / 37P
   CMOS 16-Bit Microprocessor
80C86 INTERSIL-80C86 Datasheet
339Kb / 35P
   CMOS 16-Bit Microprocessor
January 9, 2009
80C86 INTERSIL-80C86_06 Datasheet
804Kb / 37P
   CMOS 16-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com