Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C54RH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-82C54RH
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C54RH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-82C54RH Datasheet HTML 1Page - Intersil Corporation HS-82C54RH Datasheet HTML 2Page - Intersil Corporation HS-82C54RH Datasheet HTML 3Page - Intersil Corporation HS-82C54RH Datasheet HTML 4Page - Intersil Corporation HS-82C54RH Datasheet HTML 5Page - Intersil Corporation HS-82C54RH Datasheet HTML 6Page - Intersil Corporation HS-82C54RH Datasheet HTML 7Page - Intersil Corporation HS-82C54RH Datasheet HTML 8Page - Intersil Corporation HS-82C54RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
950
Specifications HS-82C54RH
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.0V
Input or Output Voltage
Applied for all Grades . . . . . . . . . . . . . . . . . .VSS-0.3V to VDD+0.3V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Typical Derating Factor. . . . . . . . . . .2.4mA/MHz Increase in IDDOP
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
40oC/W
6oC/W
Ceramic Flatpack Package . . . . . . . . . . .
60oC/W
4oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.83W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25.0mW/C
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . .16.7mW/C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . .0V to +0.8V
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . VDD -1.5V to VDD
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
TTL Output High Current
IOH1
VDD = 4.5V, VO = 3.0V,
VIN = 0V or 4.5V
1, 2, 3
-55oC, +25oC,
+125oC
-2.5
-
mA
CMOST Output High
Current
IOH2
VDD = 4.5V, VO = 4.1V,
VIN = 0V or 4.5V
1, 2, 3
-55oC, +25oC,
+125oC
-100
-
µA
Output Low Current
IOL
VDD = 4.5V, VO = 0.4V,
VIN = 0V or 4.5V
1, 2, 3
-55oC, +25oC,
+125oC
2.5
-
mA
Input Leakage Current
IIL or IIH
VDD = 5.5V, VIN = 0V or 5.5V
Pins: 9, 11, 14-16, 18-23
1, 2, 3
-55oC, +25oC,
+125oC
-1.0
1.0
µA
Output Leakage Current
IOZL or
IOZH
VDD = 5.5V, VIN = 0V or 5.5V
Pins: 1-8
1, 2, 3
-55oC, +25oC,
+125oC
-10
10
µA
Standby Power Supply
Current
IDDSB
VDD = 5.5V, VIN = GND or VDD
IO = 0mA, Counters
Programmed
1, 2, 3
-55oC, +25oC,
+125oC
-
20.0
µA
Operating Power Supply
Current
IDDOP
VDD = 5.5V, VIN = GND or VDD
IO = 0mA, CLK0 = CLK1 =
CLK2 = 5MHz
1, 2, 3
-55oC, +25oC,
+125oC
-
12.0
mA
Functional Tests
FT
VDD = 4.5V and 5.5V,
VIN = GND or VDD, f = 1MHz
7, 8A, 8B
-55oC, +25oC,
+125oC
--
-
Noise Immunity
Functional Test
FN
VDD = 5.5V, VIN = GND or
VDD - 1.5 and VDD = 4.5V,
VIN = 0.8V or VDD
7, 8A, 8B
-55oC, +25oC,
+125oC
--
-
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
AC’s Tested at Worst Case VDD (s), Guaranteed Over Full Operating Range.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Address Stable Before RD
TAVRL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC75
-
ns
CS Stable Before RD
TSLRL
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC0
-
ns
Address Hold Time After RD
TRHAX
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC0
-
ns
RD Pulse Width
TRLRH
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
240
-
ns
Data Delay from RD
TRLDV
VDD = 4.5V
9, 10, 11
-55oC, +25oC, +125oC
-
200
ns
Spec Number
518059


Similar Part No. - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
More results

Similar Description - HS-82C54RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com