Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HS-82C37ARH Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 6 page
background image
923
Specifications HS-82C37ARH
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
VCC = +5V
±10%, GND = 0V, AC’s Tested at Worst Case VDD, Guaranteed Over Full Operating Range.
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
SUBGROUP
LIMITS
UNITS
MIN
MAX
DMA (MASTER) MODE
AEN HIGH from CLK LOW (S1)
Delay Time
TCLAEH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
175
ns
DMA (MASTER) MODE (Continued)
AEN LOW from CLK HIGH (SI)
Delay Time
TCHAEL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
130
ns
ADR from READ HIGH Hold
Time
TRHAX
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL-
100
-ns
DB from ADSTB LOW Hold
Time
TSLDZ
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCH-
18
-ns
ADR from WRITE HIGH Hold
Time
TWHAX
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCLCL-
50
-ns
DACK Valid from CLK LOW
Delay Time
TCLDAV
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
170
ns
EOP HIGH from CLK HIGH
Delay Time
TCHIPH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
170
ns
EOP LOW from CLK HIGH
Delay Time
TCHIPL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
100
ns
ADR Stable from CLK HIGH
TCHAV
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
110
ns
DB to ADSTB LOW Setup Time
TDVSL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
TCHCL
+10
-ns
Clock HIGH Time
(Transitions 10ns)
TCHCL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
70
-
ns
Clock LOW Time
(Transitions 10ns)
TCLCH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
50
-
ns
CLK Cycle Time
TCLCL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
200
-
ns
CLK HIGH to READ or WRITE
LOW Delay
TCHRWL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
190
ns
READ HIGH from CLK HIGH
(S4) Delay Time
TCHRH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
190
ns
WRITE HIGH from CLK HIGH
(S4) Delay Time
TCHWH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
130
ns
HRQ Valid from CLK HIGH
Delay Time
TCHRQV
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
120
ns
EOP LOW to CLK LOW Setup
Time
TEPLCL
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
40
-
ns
EOP Pulse Width
TEPLEPH
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
220
-
ns
READ or WRITE Active from
CLK HIGH
TCHRWV
VDD = 4.5V
+25oC, +125oC,
-55oC
9, 10, 11
-
150
ns
Spec Number
518058




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
FAN5071High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
HS-201HSRHRadiation Hardened High Speed Quad SPST CMOS Analog Switch 1 2 Intersil Corporation
RC5058High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
RC5057High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
ISPMACH4ACPLDFAMILYHigh Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
M82380HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl