Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HS-82C37ARH Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 4 page
background image
921
HS-82C37ARH
A4-A7
37-40
O
Address: The four most significant address lines are three-state outputs and provide 4 bits of address.
These lines are enabled only during the Active cycle.
HRQ
10
O
Hold Request: The Hold Request (HRQ) output is used to request control of the system bus. When a
DREQ occurs and the corresponding mask bit is clear, or a software DMA request is made, the HS-
82C37ARH issues HRQ. The HLDA signal then informs the controller when access to the system bus-
ses is permitted. For stand-alone operation where the HS-82C37ARH always controls the busses, HRQ
may be tied to HLDA. This will result in one S0 state before the transfer.
DACK0-
DACK3
14,15, 24,
25
O
DMA Acknowledge: DMA acknowledge is used to notify the individual peripherals when one has been
granted a DMA cycle. The sense of these lines is programmable. Reset initializes them to active low.
AEN
9
O
Address Enable: Address Enable enables the 8-bit latch containing the upper 8 address bits onto the
system address bus. AEN can also be used to disable other system bus drivers during DMA transfers.
AEN is active HIGH.
ADSTB
8
O
Address Strobe: This is an active high signal used to control latching of the upper address byte. It will
drive directly the strobe input of external transparent octal latches, such as the 82C82. During block op-
erations, ADSTB will only be issued when the upper address byte must be updated, thus speeding op-
eration through elimination of S1 states. (See Note 2).
MEMR
3
O
Memory Read: The Memory Read signal is an active low three-state output used to access data from
the selected memory location during a DMA Read or a Memory-to-Memory transfer.
MEMW
4
O
Memory Write: The Memory Write is an active low three-state output used to write data to the selected
memory location during a DMA Write or a Memory-to-Memory transfer.
NC
5
No connect. Pin 5 is open and should not be tested for continuity.
Pin Descriptions (Continued)
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
Spec Number
518058




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
FAN5071High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
HS-201HSRHRadiation Hardened High Speed Quad SPST CMOS Analog Switch 1 2 Intersil Corporation
RC5058High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms 1 2 3 4 5 MoreFairchild Semiconductor
RC5057High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors 1 2 3 4 5 MoreFairchild Semiconductor
ISPMACH4ACPLDFAMILYHigh Performance E 2 CMOS In-System Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
M82380HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS 1 2 3 4 5 MoreIntel Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl