Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8826 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK8826
Description  HD/SD Multi Format Video Encoder with 3ch DAC
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8826 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK8826 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8826 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 157 page
background image
[AK8826VN]
MS0972-E-01
8
2008/12
2. Ordering Guide
AK8826VN 48 pin QFN
3. Pin Assignment
1 2 3 4
10
68 9
7
511 12
20
13
18
17
16
15
14
19
24
22
21
23
27 26 25
30 29 28
33 32 31
36 35 34
41
48
43
44
45
46
47
42
37
39
40
38
TEST0
IREF
BVSS
BYPASS
VREF
AVDD
AVSS
DACO1
DACO2
DACO3
FLT
TEST1
DATA5
DATA6
DATA7
DATA8
DATA9
DATA10
PVDD2
DVSS
DATA11
DATA12
DATA13
TMO
Fig. 6 Pin Layout (TopView)


Similar Part No. - AK8826

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
More results

Similar Description - AK8826

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8858 AKM-AK8858 Datasheet
890Kb / 96P
   PS/SD Multi Format Video Decoder
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
M/A-COM Technology Solu...
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com