Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7738VQ Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK7738VQ
Description  Multi DSP with 5ch ADC 4ch DAC 8ch SRC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7738VQ Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK7738VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK7738VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
[AK7738]
015000122-E-00-PB
2015/01
- 2 -
□ ADC2: 24-bit Stereo ADC with Input Selector
- Sampling Frequency:
fs=8kHz to 192kHz
- Analog Input Selector:
Differential Input x1 or Single-ended Input x2,
Semi-Differential Input x1
- ADC Characteristics
S/N: 102dB (fs=48kHz, Differential Input)
- Channel Independent Digital Volume (+24 to -103dB, 0.5dB Step, Mute)
- Digital HPF for DC Offset Cancelling
- 4 types of Digital Filter for Sound Color Selection
□ ADCM: 24-bit Monaural ADC
- Sampling Frequency: fs=8kHz to 192kHz
- Differential Input or Single-ended Input
- ADC Characteristics
S/N: 102dB (fs=48kHz, Differential Input)
- Channel Independent Digital Volume (+24 to -103dB, 0.5dB Step, Mute)
- Digital HPF for DC Offset Cancelling
- 4 types of Digital Filter for Sound Color Selection
□ DAC: Advanced 32-bit DAC
- 2ch x2
- Sampling Frequency: fs=8kHz to 192kHz
- Single-ended Output
- DAC Characteristics
S/N: 108dB (fs=48kHz)
- Channel Independent Digital Volume Control (+12 to -115dB, 0.5dB Step, Mute)
- 4 types of Digital Filter for Sound Color Selection
□ SRC:
- 2ch x4
- FSI = 8kHz to 192kHz, FSO = 8kHz to 192kHz (FSO/FSI = 0.167 to 6.0)
□ FSCONV: Monaural Simple SRC
- 1ch x2
- FSI = 44.1kHz to 48kHz, FSO = 8kHz to 16kHz (FSO/FSI = 0.167 to 0.363)
□ DIT:
- S/PDIF, IEC60958, AES/EBU, EIAJ CP1201 Compatible
- 24-bit Stereo Output
□ Digital Interface:
- Digital Input Port:
max 24ch when TDM mode
- Digital Output Port: max 28ch when TDM mode
- Independent LRCK/BICK Input port x 5 Lines
- Data Format: MSB 32,24-bit / LSB 24,20,16-bit / I
2S
- PCM Short / Long Frame Supported
- TDM Format Supported
□ Digital Mixer Circuit
□ PLL Circuit
□ μP Interface: SPI(7MHz max), I2C-bus (1MHz, Fast Mode Plus)
□ Power Supply:
- Analog AVDD: 3.0 to 3.6V (typ. 3.3V)
- Digital LVDD: 3.0 to 3.6V (typ. 3.3V) (3.3V → 1.2V regulator integrated)
- I/F
VDD33: 3.0 to 3.6V (typ. 3.3V)
TVDD1: 1.7 to 3.6V (typ. 3.3V)
TVDD2: 1.7 to 3.6V (typ. 3.3V)
□ Operating Temperature Range: -40C to 85C
□ Package: 64-pin LQFP (10mm x 10mm, 0.5mm pitch)


Similar Part No. - AK7738VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
More results

Similar Description - AK7738VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7738 AKM-AK7738 Datasheet
1Mb / 42P
   Multi DSP with 5ch ADC 4ch DAC 8ch SRC
AK7780 AKM-AK7780 Datasheet
514Kb / 28P
   24bit 5ch ADC & SRC Audio DSP
AK7782 AKM-AK7782 Datasheet
390Kb / 28P
   Dual Audio DSP with 24bit 5ch ADC & SRC
AK7722 AKM-AK7722 Datasheet
457Kb / 28P
   24bit 4ch ADC 24bit 4ch DAC with Audio DSP
AK7740ET AKM-AK7740ET Datasheet
281Kb / 48P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7742 AKM-AK7742 Datasheet
346Kb / 16P
   24bit 2ch ADC 24bit 4ch DAC with Audio DSP
AK7744VT AKM-AK7744VT Datasheet
444Kb / 50P
   24bit 3ch ADC 24bit 4ch DAC with Audio DSP
AK7757 AKM-AK7757 Datasheet
433Kb / 24P
   Audio DSP with 24bit 3ch ADC 4ch DAC MIC Amp
AK7707VQ AKM-AK7707VQ Datasheet
746Kb / 34P
   Multi Core DSP with SRC
AK7707 AKM-AK7707 Datasheet
746Kb / 34P
   Multi Core DSP with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com