Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-6617RH-Q Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS9-6617RH-Q
Description  Radiation Hardened 2K x 8 CMOS PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-6617RH-Q Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS9-6617RH-Q Datasheet HTML 3Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 4Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 5Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 6Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 7Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 8Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 9Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 10Page - Intersil Corporation HS9-6617RH-Q Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
HS-6617RH
Spec Number
518742
Intersil Space Level Product Flow -8
GAMMA Radiation Verification (Each Wafer) Method 1019,
2 Samples/Wafer, 0 Rejects
100% Die Attach (Note 1)
Periodic- Wire Bond Pull Monitor, Method 2011
Periodic- Die Shear Monitor, Method 2019 or 2027
100% Internal Visual Inspection, Method 2010, Condition B
CSI and/or GSI Pre-Cap (Note 7)
100% Temperature Cycle, Method 1010, Condition C,
10 Cycles
100% Constant Acceleration, Method 2001, Condition per
Method 5004
100% External Visual
100% Initial Electrical Test
100% Dynamic Burn-In, Condition D, 160 Hours, +125oC or
Equivalent, Method 1015
100% Interim Electrical Test
100% PDA, Method 5004 (Note 2)
100% Final Electrical Test
100% Fine/Gross Leak, Method 1014
100% External Visual, Method 2009
Sample - Group A, Method 5005 (Note 3)
Sample - Group B, Method 5005 (Note 5)
Sample - Group C, Method 5005 (Notes 4, 5 and 6)
Sample - Group D, Method 5005 (Notes 5 and 6)
100% Data Package Generation (Note 8)
CSI and/or GSI Final (Note 7)
NOTES:
1. Epoxy or Silver glass die attach shall be permitted.
2. Failures from subgroup 1, 7 and deltas are used for calculating PDA. The maximum allowable PDA = 5%.
3. Alternate Group A testing may be performed as allowed by MIL-STD-883, Method 5005.
4. QCI Group C samples are programmed with a checkerboard pattern before life test and pattern tested after life test. Therefore, the Group
C samples must be considered destruct samples and cannot be shipped as flight quantity.
5. Group B, C and D inspections are optional and will not be performed unless required by the P.O. When required, the P.O. should include
separate line items for Group B Test, Group C Test, Group C Samples, Group D Test and Group D Samples.
6. Group C and/or Group D Generic Data, as defined by MIL-I-38535, is optional and will not be supplied unless required by the P.O. When
required, the P.O. should include a separate line item for Group C Generic Data and/or Group D Generic Data. Generic data is not guar-
anteed to be available and is therefore not available in all cases.
7. CSI and/or GSI inspections are optional and will not be performed unless required by the P.O. When required, the P.O. should include
separate line items for CSI PreCap inspection, CSI Final Inspection, GSI PreCap inspection, and/or GSI Final Inspection.
8. Data Package Contents:
• Cover Sheet (Intersil Name and/or Logo, P.O. Number, Customer Part Number, Lot Date Code, Intersil Part Number, Lot Number, Quan-
tity).
• GAMMA Radiation Report. Contains Cover page, disposition, Rad Dose, Lot Number, Test Package used, Specification Numbers, Test
equipment, etc. Radiation Read and Record data on file at Intersil.
• Screening, Electrical, and Group A attributes (Screening attributes begin after package seal).
• Group B, C and D attributes and/or Generic data is included when required by the P.O.
• The Certificate of Conformance is a part of the shipping invoice and is not part of the Data Book. The Certificate of Conformance is signed
by an authorized Quality Representative.


Similar Part No. - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-6617RH-Q INTERSIL-HS9-6617RH-Q Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - HS9-6617RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
logo
Aeroflex Circuit Techno...
UT28F256 AEROFLEX-UT28F256 Datasheet
69Kb / 11P
   Radiation-Hardened 32K x 8 PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
STMicroelectronics
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
   MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
   HIGH SPEED 2K x 8 CMOS PROM/RPROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com