Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9-565ARH Datasheet(PDF) 9 Page - Intersil Corporation

Part # HS9-565ARH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-565ARH Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HS9-565ARH Datasheet HTML 2Page - Intersil Corporation HS9-565ARH Datasheet HTML 3Page - Intersil Corporation HS9-565ARH Datasheet HTML 4Page - Intersil Corporation HS9-565ARH Datasheet HTML 5Page - Intersil Corporation HS9-565ARH Datasheet HTML 6Page - Intersil Corporation HS9-565ARH Datasheet HTML 7Page - Intersil Corporation HS9-565ARH Datasheet HTML 8Page - Intersil Corporation HS9-565ARH Datasheet HTML 9Page - Intersil Corporation HS9-565ARH Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HS-565ARH
FIGURE 5A.
FIGURE 5B.
VLSB
SUPPLY
0.1
µF
DVM
COMPARATOR
OUT
B
C
10
90
200K
+
-
5
9
10
NC
11
8
2.5K
5K
5K
20V
± 20%
BIAS
TURN ON
TURN OFF
9.95K
2mA
12
HS-565ARH
D
PULSE
GENERATOR
NO. 2
OUT
14
13
23
24
.
.
.
.
.
.
.
.
.
.
.
.
.
5V
P
PULSE
GENERATOR
NO. 1
SYNC
IN
TRIG
OUT
OUT
A
~100
kHz
STROBE IN
LSB
50%
DIGITAL
INPUT
DAC
OUTPUT
COMP.
STROBE
COMP.
OUT
“EQUAL BRIGHTNESS”
+3V
0V
0V
-400mV
2V
0.8V
4V
0V
(TURN OFF)
A
B
C
D
50%
tX
tD = COMPARATOR DELAY
SETTLING TIME
-0.50LSB
Spec Number
518795
Other Considerations
Grounds
The HS-565ARH has two ground terminals, pin 5 (REF GND)
and pin 12 (PWR GND). These should not be tied together
near the package unless that point is also the system signal
ground to which all returns are connected. (If such a point
exists, then separate paths are required to pins 5 and 12).
The current through pin 5 is near zero DC (Note); but pin 12
carries up to 1.75mA of code - dependent current from bits
1, 2, and 3. The general rule is to connect pin 5 directly to
the system “quiet” point, usually called signal or analog
ground. Connect pin 12 to the local digital or power ground.
Then, of course, a single path must connect the analog/
signal and digital/power grounds.
NOTE: Current cancellation is a two step process within the HS-
565ARH in which code dependent variations are eliminated,
the resulting DC current is supplied internally. First an
auxiliary 9-bit R-2R ladder is driven by the complement of the
DACs input code. Together, the main and auxiliary ladders
draw a continuous 2.25mA from the internal ground node, re-
gardless of input code. Part of the DC current is supplied by
the zener voltage reference, and the remainder is sourced
from the positive supply via a current mirror which is laser
trimmed for zero current through the external terminal (pin 5).
Layout
Connections to pin 9 (IOUT) on the HS-565ARH are most crit-
ical for high speed performance. Output capacitance of the
DAC is only 20pF, so a small change of additional capacitance
may alter the op amp’s stability and affect settling time. Con-
nections to pin 9 should be short and few. Component leads
should be short on the side connecting to pin 9 (as for feed-
back capacitor C). See the Settling Time section.
Bypass Capacitors
Power supply bypass capacitors on the op amp will serve the
HS-565ARH also. If no op amp is used, a 0.01
µF ceramic
capacitor from each supply terminal to pin 12 is sufficient,
since supply current variations are small.
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Die Size . . . . . . . . . . . . . . . . . . . . . . . . . 179 mils x 107 mils
Tie Substrate to . . . . . . . . . . . . . . . . . . . .Reference Ground
Process. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar - DI


Similar Part No. - HS9-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-565ARH-T INTERSIL-HS9-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS9-565ARH/PROTO INTERSIL-HS9-565ARH/PROTO Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Similar Description - HS9-565ARH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com