Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-C-26-4-4-B-12-OE-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-C-26-4-4-B-12-OE-R
Description  SINGLE PLUG 50 OF CONTACT PLATING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-C-26-4-4-B-12-OE-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-C-26-4-4-B-12-OE-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AT-C-26-4-4-B-12-OE-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-C-26-4-4-B-10-OE-R ASSMANN-AT-C-26-4-4-B-10-OE-R Datasheet
331Kb / 1P
   SINGLE PLUG, 50 OF CONTACT PLATING
AT-C-26-4-4-B-14-OE-R ASSMANN-AT-C-26-4-4-B-14-OE-R Datasheet
192Kb / 1P
   NON-UL 26AWG (0.12X12)*4C, O.D.: 2.4*4.8MM
More results

Similar Description - AT-C-26-4-4-B-12-OE-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-C-26-8-8-S-10-OE-R ASSMANN-AT-C-26-8-8-S-10-OE-R Datasheet
343Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-8-8-W-5-OE-R ASSMANN-AT-C-26-8-8-W-5-OE-R Datasheet
339Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-8-8-W-10-OE-R ASSMANN-AT-C-26-8-8-W-10-OE-R Datasheet
342Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-8-8-W-12-OE-R ASSMANN-AT-C-26-8-8-W-12-OE-R Datasheet
340Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-6-6-S-10-OE-R ASSMANN-AT-C-26-6-6-S-10-OE-R Datasheet
339Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-4-4-B-10-OE-R ASSMANN-AT-C-26-4-4-B-10-OE-R Datasheet
331Kb / 1P
   SINGLE PLUG, 50 OF CONTACT PLATING
AT-C-26-6-6-W-10-OE-R ASSMANN-AT-C-26-6-6-W-10-OE-R Datasheet
338Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-6-6-W-12-OE-R ASSMANN-AT-C-26-6-6-W-12-OE-R Datasheet
337Kb / 1P
   single plug 50 of contact plating
AT-C-26-8-8-B-12-OE-R ASSMANN-AT-C-26-8-8-B-12-OE-R Datasheet
342Kb / 1P
   SINGLE PLUG 50 OF CONTACT PLATING
AT-C-26-8-8-B-10-OE-R ASSMANN-AT-C-26-8-8-B-10-OE-R Datasheet
343Kb / 1P
   SINGLE PLUG 50 OF CONTACY PLATING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com