Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADIS16120 Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16120
Description  Low Noise, Angular Rate Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16120 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16120_15 Datasheet HTML 3Page - Analog Devices ADIS16120_15 Datasheet HTML 4Page - Analog Devices ADIS16120_15 Datasheet HTML 5Page - Analog Devices ADIS16120_15 Datasheet HTML 6Page - Analog Devices ADIS16120_15 Datasheet HTML 7Page - Analog Devices ADIS16120_15 Datasheet HTML 8Page - Analog Devices ADIS16120_15 Datasheet HTML 9Page - Analog Devices ADIS16120_15 Datasheet HTML 10Page - Analog Devices ADIS16120_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADIS16120
Rev. B | Page 7 of 12
0.025
0.007
0.009
0.011
0.013
0.015
0.017
VCC = 5V
0.019
0.021
0.023
–40
25
85
TEMPERATURE (°C)
Figure 10. Noise Density vs. Temperature, VCC = 5 V
25
20
15
10
5
0
BIN (°/s/ Hz)
MEAN = 0.0147°/s/ Hz
STANDARD DEVIATION = 0.0010
Figure 11. Noise Histogram
–60
–120
–110
–100
–90
–80
–70
1
10
100
1k
10k
100k
FREQUENCY (Hz)
fS = 34596Hz
16384 SAMPLES
Figure 12. Noise Density vs. Frequency
0.1
0.001
0.01
0.1
1
10
100
TAU (Seconds)
Figure 13. Root Allan Variance vs. Integration Time


Similar Part No. - ADIS16120_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16120/PCB AD-ADIS16120/PCB Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16120AML AD-ADIS16120AML Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
More results

Similar Description - ADIS16120_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16120 AD-ADIS16120 Datasheet
386Kb / 12P
   Low Noise, Angular Rate Sensor
REV. A
ADIS16135 AD-ADIS16135 Datasheet
430Kb / 20P
   Precision Angular Rate Sensor
REV. 0
logo
List of Unclassifed Man...
SDG1000 ETC2-SDG1000 Datasheet
223Kb / 2P
   MEMS Angular Rate Sensor
logo
Analog Devices
ADIS16133 AD-ADIS16133_15 Datasheet
504Kb / 20P
   Precision Angular Rate Sensor
REV. D
logo
List of Unclassifed Man...
MLX90609 ETC2-MLX90609 Datasheet
611Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Melexis Microelectronic...
MLX90609 MELEXIS-MLX90609 Datasheet
540Kb / 22P
   Angular Rate Sensor (Standard version)
logo
Analog Devices
ADIS16137 AD-ADIS16137 Datasheet
452Kb / 20P
   짹1000째/Sec Precision Angular Rate Sensor
ADIS16133 AD-ADIS16133 Datasheet
415Kb / 20P
   짹1200째/sec Precision Angular Rate Sensor
REV. 0
ADIS16136 AD-ADIS16136 Datasheet
446Kb / 20P
   짹450째/Sec Precision Angular Rate Sensor
REV. A
ADIS16130 AD-ADIS16130 Datasheet
373Kb / 16P
   Digital Output, High-Precision Angular Rate Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com