Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3308-1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3308-1
Description  Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308-1 Datasheet(HTML) 1 Page - Analog Devices

  ADG3308-1_15 Datasheet HTML 1Page - Analog Devices ADG3308-1_15 Datasheet HTML 2Page - Analog Devices ADG3308-1_15 Datasheet HTML 3Page - Analog Devices ADG3308-1_15 Datasheet HTML 4Page - Analog Devices ADG3308-1_15 Datasheet HTML 5Page - Analog Devices ADG3308-1_15 Datasheet HTML 6Page - Analog Devices ADG3308-1_15 Datasheet HTML 7Page - Analog Devices ADG3308-1_15 Datasheet HTML 8Page - Analog Devices ADG3308-1_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Voltage, 1.15 V to 5.5 V, 8-Channel
Bidirectional Logic Level Translators
Data Sheet
ADG3308/ADG3308-1
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Bidirectional logic level translation
Operates from 1.15 V to 5.5 V
Low quiescent current < 1 µA
No direction pin
APPLICATIONS
Low voltage ASIC level translation
Smart card readers
Cell phones and cell phone cradles
Portable communication devices
Telecommunications equipment
Network switches and routers
Storage systems (SAN/NAS)
Computing/server applications
GPS
Portable POS systems
Low cost serial interfaces
FUNCTIONAL BLOCK DIAGRAM
A1
Y1
GND
VCCY
VCCA
A8
Y8
A7
Y7
A6
Y6
A5
Y5
A4
Y4
A3
Y3
A2
Y2
EN
ADG3308/ADG3308-1
Figure 1.
GENERAL DESCRIPTION
The ADG3308/ADG3308-1 are bidirectional level translators
containing eight bidirectional channels. They can be used in
multivoltage digital system applications, such as a data transfer
between a low voltage DSP controller and a higher voltage device.
The internal architecture allows the device to perform
bidirectional level translation without an additional signal to set
the direction in which the translation takes place.
The voltage applied to VCCA sets the logic levels on the A side
of the device, and VCCY sets the levels on the Y side. For proper
operation, VCCA must always be less than VCCY. The VCCA
compatible logic signals applied to the A side of the device
appear as VCCY compatible levels on the Y side. Similarly, VCCY
compatible logic levels applied to the Y side of the device appear
as VCCA compatible logic levels on the A side.
The enable pin (EN) provides three-state operation on both the
A side and the Y side pins. When the EN pin is pulled low, the
terminals on both sides of the device are in the high impedance
state. For normal operation, EN should be driven high.
The ADG3308 is available in a compact 20-lead TSSOP and
a 20-lead LFCSP. The ADG3308-1 is available in a 20-ball
WLCSP. The EN pin is referred to the VCCY supply voltage
for the ADG3308 and to the VCCA supply voltage for the
ADG3308-1.
The ADG3308/ADG3308-1 are guaranteed to operate over the
1.15 V to 5.5 V supply voltage range and the extended −40°C to
+85°C temperature range.
PRODUCT HIGHLIGHTS
1. Bidirectional logic level translation.
2. Fully guaranteed over the 1.15 V to 5.5 V supply range.
3. No direction pin.
4. Packages: 20-lead TSSOP and 20-lead LFCSP (ADG3308)
and 20-ball WLCSP (ADG3308-1).


Similar Part No. - ADG3308-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308-1 AD-ADG3308-1 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results

Similar Description - ADG3308-1_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrC Feb 2004
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
   Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
REV. PrE Feb 2004
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com