Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-306RH883S Datasheet(PDF) 8 Page - Intersil Corporation

Part # HS1-306RH883S
Description  Radiation Hardened CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-306RH883S Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HS1-306RH883S Datasheet HTML 4Page - Intersil Corporation HS1-306RH883S Datasheet HTML 5Page - Intersil Corporation HS1-306RH883S Datasheet HTML 6Page - Intersil Corporation HS1-306RH883S Datasheet HTML 7Page - Intersil Corporation HS1-306RH883S Datasheet HTML 8Page - Intersil Corporation HS1-306RH883S Datasheet HTML 9Page - Intersil Corporation HS1-306RH883S Datasheet HTML 10Page - Intersil Corporation HS1-306RH883S Datasheet HTML 11Page - Intersil Corporation HS1-306RH883S Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Specifications HS-3XXRH/883S
TABLE 4. HS-306/307RH/883S DC POST 100K RAD (Si) ELECTRICAL CHARACTERISTICS
Tested Per Mil-Std-883. Unless Otherwise Specified: HS-306RH/307RH/883S V- = -15V, V+ = +15V, VAH = +11.0V, VAL = 3.5V
PARAMETER
SYMBOL
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
“Switch On” Resistance
+RDS
VD = 10V, IS = -10mA, S1/S2/S3/S4
+25oC-
60
-RDS
VD = -10V, IS = 10mA, S1/S2/S3/S4
+25oC-
60
Leakage Current Into the
Source Terminal of an “Off”
Switch
+IS(OFF)
VS = +14V, VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
-IS(OFF)
VS = -14V, VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
Leakage Current into the Drain
Terminal of an “Off” Switch
+ID(OFF)
VS = -14V, VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
-ID(OFF)
VS = +14V, VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
Leakage Current from an “On”
Driver Into the Switch (Drain &
Source)
-ID(ON)
VS = VD = +14V, S1/S2/S3/S4
+25oC
-100
100
nA
-ID(ON)
VS = VD = -14V, S1/S2/S3/S4
+25oC
-100
100
nA
Positive Supply Current
I(+)
All Channels VA = 0V
+25oC
-
100
µA
All Channels VA = 15V
+25oC-
1
mA
Negative Supply Current
I(-)
All Channels VA = 0V
+25oC
-100
-
µA
All Channels VA = 15V
+25oC
-100
-
µA
High Level Address Current
IAH
All Channels High
+25oC-1
+1
µA
Low Level Address Current
IAL
All Channels Low
+25oC-1
+1
µA
Break-Before-Make Time
Delay (HS-307RH/883S Only)
TOPEN
RL = 300
Ω, VS = +3V, (Note 1)
+25oC
2
300
ns
Switch Turn-On Time
TON
RL = 300
Ω, VS = +3V, (Note 1)
+25oC
-
500
ns
Switch Turn-Off Time
TOFF
RL = 300
Ω, VS = +3V, (Note 1)
+25oC
-
450
ns
NOTE: 1. VAL = 0V; VAH = 15V
TABLE 5. HS-302RH/303RH/384RH/390RH/883S DC POST BURN-IN DELTA ELECTRICAL CHARACTERISTICS
Guaranteed, Per Mil-Std-883. Unless Otherwise Specified: V- = -15V, V+ = +15V, VAH = +4.0V, VAL = 0.8V
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
“Switch On”
Resistance
+RDS
VD = 10V, IS = -10mA,
S1/S2/S3/S4
1
+25oC-5
5
-RDS
VD = -10V, IS = 10mA,
S1/S2/S3/S4
1
+25oC-5
5
Leakage Current
Into the Source
Terminal of an “Off”
Switch
+IS(OFF)
VS = +14V, VD = -14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
-IS(OFF)
VS = -14V, VD = +14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
Leakage Current
into the Drain
Terminal of an “Off”
Switch
+ID(OFF)
VS = -14V, VD = +14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
-ID(OFF)
VS = +14V, VD = -14V,
S1/S2/S3/S4
1
+25oC-2
2
nA
Leakage Current
from an “On” Driver
Into the Switch
(Drain & Source)
+ID(ON)
VS = VD = +14V, S1/S2/S3/S4
1
+25oC-2
2
nA
-ID(ON)
VS = VD = -14V, S1/S2/S3/S4
1
+25oC-2
2
nA
Spec Number
518526


Similar Part No. - HS1-306RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-302EH-Q INTERSIL-HS1-302EH-Q Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS1-302EH-Q RENESAS-HS1-302EH-Q Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS1-302RH-8 INTERSIL-HS1-302RH-8 Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS1-302RH-8 RENESAS-HS1-302RH-8 Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
logo
Intersil Corporation
HS1-302RH-Q INTERSIL-HS1-302RH-Q Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
More results

Similar Description - HS1-306RH883S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
HS-303RH-T INTERSIL-HS-303RH-T Datasheet
25Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302RH-T INTERSIL-HS-302RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-303ARH INTERSIL-HS-303ARH_12 Datasheet
201Kb / 5P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-390RH-T INTERSIL-HS-390RH-T Datasheet
26Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH INTERSIL-HS-303RH Datasheet
491Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com