Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3231 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG3231
Description  1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3231 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG3231_15 Datasheet HTML 3Page - Analog Devices ADG3231_15 Datasheet HTML 4Page - Analog Devices ADG3231_15 Datasheet HTML 5Page - Analog Devices ADG3231_15 Datasheet HTML 6Page - Analog Devices ADG3231_15 Datasheet HTML 7Page - Analog Devices ADG3231_15 Datasheet HTML 8Page - Analog Devices ADG3231_15 Datasheet HTML 9Page - Analog Devices ADG3231_15 Datasheet HTML 10Page - Analog Devices ADG3231_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADG3231
Rev. C | Page 7 of 12
tLH,LOW-TO-HIGH TRANSITION
tHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 1.8V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
16
14
12
0
6
4
2
8
10
22
32
42
62
52
72
82
92
102
Figure 10. Rise/Fall Time vs.
Capacitive Load (3.3 V to 1.8 V Level Translation)
tLH, LOW-TO-HIGH TRANSITION
tHL, HIGH-TO-LOW TRANSITION
VCC1 = 1.8V
VCC2 = 3.3V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
10
9
8
0
5
2
3
4
1
6
7
22
32
42
62
52
72
82
92
102
Figure 11. Rise/Fall Time vs.
Capacitive Load (1.8 V to 3.3 V Level Translation)
tPLH, LOW-TO-HIGH TRANSITION
tPHL, HIGH-TO-LOW TRANSITION
VCC1 = 3.3V
VCC2 = 3.3V
TA = 25°C
DATA RATE 10Mbps
CAPACITIVE LOAD (pF)
8
0
5
2
3
4
1
6
7
22
32
42
62
52
72
82
92
102
Figure 12. Propagation Delay vs. Capacitive Load
tPHL, A TO Y
tPLHL, A TO Y
TA = 25°C
VCC1 = VCC2
SUPPLY VOLTAGE (V)
8.0
0
2.0
4.0
6.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 13. Propagation Delay vs. Supply Voltage
tPHL, A TO Y
tPLH, A TO Y
VCC1 = VCC2 = 3.3V
TEMPERATURE (°C)
4.0
0
1.0
2.0
3.0
–40
–20
0
20
40
60
80
Figure 14. Propagation Delay vs. Temperature
Y
3.3V
1.8V
A
3
2
TA = 25°C
DATA RATE = 10MHz
Figure 15. Input/Output VCC1 = 3.3 V, VCC2 = 1.8 V


Similar Part No. - ADG3231_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231BRJ AD-ADG3231BRJ Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL AD-ADG3231BRJ-REEL Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG3231BRJ-REEL7 AD-ADG3231BRJ-REEL7 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
More results

Similar Description - ADG3231_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231_V01 Datasheet
236Kb / 12P
   1.65 V to 3.6 V, Single-Channel Level Translator in SOT-23 Package
Rev. C
ADG3231BRJZ-REEL7 AD-ADG3231BRJZ-REEL7 Datasheet
236Kb / 12P
   1.65V to 3.6V, Single-Channel Level Translator in SOT-23 Package
REV. C
ADG841 AD-ADG841 Datasheet
552Kb / 16P
   0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70
REV. 0
ADG3233BRJ AD-ADG3233BRJ Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V,Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG804 AD-ADG804_11 Datasheet
253Kb / 16P
   0.5 廓 CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. A
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG3233 AD-ADG3233_V01 Datasheet
380Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
Rev. C
ADG3233 AD-ADG3233 Datasheet
271Kb / 12P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. 0
ADG3233 AD-ADG3233_15 Datasheet
292Kb / 16P
   Low Voltage 1.65 V to 3.6 V, Bidirectional Logic Level Translation, Bypass Switch
REV. B
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com