Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9578601VXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R9578601VXC
Description  Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9578601VXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962R9578601VXC Datasheet HTML 1Page - Intersil Corporation 5962R9578601VXC Datasheet HTML 2Page - Intersil Corporation 5962R9578601VXC Datasheet HTML 3Page - Intersil Corporation 5962R9578601VXC Datasheet HTML 4Page - Intersil Corporation 5962R9578601VXC Datasheet HTML 5Page - Intersil Corporation 5962R9578601VXC Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HS-3374RH
Radiation Hardened
8-Bit Bidirectional CMOS/TTL Level Converter
Pinout
HS-3374RH
MIL-STD-1835, CDIP2-T22
(SBDIP)
TOP VIEW
Functional Diagram
1
11
10
9
8
7
6
5
3
2
4
22
12
13
14
15
16
17
18
19
21
20
A0
A1
A2
A3
A4
A5
A7
A6
ENABLE
GND
B0
B2
B3
B4
B1
B5
B6
B7
DISABLE
NC
VDD
VCC
CMOS
INPUT/OUTPUT
TTL
INPUT/OUTPUT
DISABLE
13
CMOS
IN/OUT
ENABLE
10
2-9
88
14-21
TTL
OUT (IN)
VDD = 1
VCC = 22
GND = 11
LEVEL
SHIFTER
Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-9XXXX and Intersil’ QM Plan
• Radiation Hardened EPI-CMOS
- Total Dose 1 x 105 RAD(Si)
- Latch-Up Immune > 1 x 1012 RAD (Si)/s (Note 1)
• Low Propagation Delay Time
- Typical CMOS to TTL Pre-RAD 40ns
- Typical CMOS to TTL Post 100K RAD 40ns
- Typical TTL to CMOS Pre-RAD 50ns
- Typical TTL to CMOS Post 100K RAD 50ns
• Low Standby Power
• +10V CMOS and +5V TTL Power Supply Inputs
• Eight Non-inverting Three-State Input/Output Channels
• No External TTL Input Pull-Up Resistors Required
• High TTL Sink Current
• Equivalent to Sandia SA2996
• Military Temperature Range -55oC to +125oC
Description
The
Intersil
HS-3374RH
is
a
radiation
hardened
8-bit
bidirectional level converter designed to interface CMOS logic
levels with TTL logic levels in radiation hardened bus oriented
systems. The HS-3374RH is fabricated using a radiation
hardened EPI-CMOS process and features eight parallel
bidirectional buffer/level converters.
Two control inputs, ENABLE and DISABLE, are used to deter-
mine the direction of data flow, and to set both the in puts and
outputs in the high impedance state. The control inputs may be
driven by either TTL or CMOS logic drivers capable of sinking
one standard TTL load.
The HS-3374RH is a non-inverting version of the industry
standard CD40116. The non-inverting outputs of the
HS-3374RH reduce PC board chip count by eliminating the
need to restore data back to a non-inverted format.
NOTE:
1. For operation at 10V and transient levels above 1 x 1010 RAD (Si)/s,
please refer to Application Note 401.
Spec Number
518052
File Number
3038.1
March 1996
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
5962R9XXXX01QRC
-55oC to +125oC
MIL-PRF-38535 Level Q
22 Lead SBDIP
5962R9XXXX01VRC
-55oC to +125oC
MIL-PRF-38535 Level V
22 Lead SBDIP
HS1-3374 (SAMPLE)
+25oC
Sample
22 Lead SBDIP


Similar Part No. - 5962R9578601VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9570801QJC INTERSIL-5962R9570801QJC Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
5962R9570801QXC INTERSIL-5962R9570801QXC Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
5962R9570801TJC INTERSIL-5962R9570801TJC Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
5962R9570801TXC INTERSIL-5962R9570801TXC Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
5962R9570801VJC INTERSIL-5962R9570801VJC Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
More results

Similar Description - 5962R9578601VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
logo
Harris Corporation
CD40116 HARRIS-CD40116 Datasheet
382Kb / 6P
   CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com