Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2794GS-E1 Datasheet(PDF) 11 Page - NEC

Part # UPC2794GS-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2794GS-E1 Datasheet(HTML) 11 Page - NEC

Back Button UPC2794GS-E1 Datasheet HTML 7Page - NEC UPC2794GS-E1 Datasheet HTML 8Page - NEC UPC2794GS-E1 Datasheet HTML 9Page - NEC UPC2794GS-E1 Datasheet HTML 10Page - NEC UPC2794GS-E1 Datasheet HTML 11Page - NEC UPC2794GS-E1 Datasheet HTML 12Page - NEC UPC2794GS-E1 Datasheet HTML 13Page - NEC UPC2794GS-E1 Datasheet HTML 14Page - NEC UPC2794GS-E1 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
µPC2794GS
11
Data Sheet P11888EJ3V0DS00
MEASUREMENT CIRCUIT 1
MEASUREMENT CIRCUIT 2
REG
1000
pF
1000
pF
1000
pF
20T
27 pF
1000
pF
1000
pF
1000
pF
1000
pF
VCC(9V)
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
1000
pF
1000
pF
1000
pF
1000
pF
1000
pF
UB(9V)
OPEN
OPEN
1000
pF
OPEN
OPEN
OPEN
OPEN
5pin Voltage
VHF
UHF
OPEN
9V
REG
1000
pF
1000
pF
1000
pF
20T
27 pF
1000
pF
1000
pF
1000
pF
1000
pF
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
1000
pF
1000
pF
1000
pF
1000
pF
OPEN
1000
pF
5pin Voltage
VHF
UHF
OPEN
9V
SG1
UHF
VHF
Spectrum
Analyzer
VHF
UHF
SG2
1000
pF


Similar Part No. - UPC2794GS-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB-E3 NEC-UPC2791TB-E3 Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB-E3 CEL-UPC2791TB-E3 Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2791TB-E3-A CEL-UPC2791TB-E3-A Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2794GS-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2797GR NEC-UPC2797GR Datasheet
143Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC2775GR NEC-UPC2775GR Datasheet
128Kb / 16P
   FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com