Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS4-3282-8 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS4-3282-8
Description  CMOS ARINC Bus Interface Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4-3282-8 Datasheet(HTML) 4 Page - Intersil Corporation

  HS4-3282-8 Datasheet HTML 1Page - Intersil Corporation HS4-3282-8 Datasheet HTML 2Page - Intersil Corporation HS4-3282-8 Datasheet HTML 3Page - Intersil Corporation HS4-3282-8 Datasheet HTML 4Page - Intersil Corporation HS4-3282-8 Datasheet HTML 5Page - Intersil Corporation HS4-3282-8 Datasheet HTML 6Page - Intersil Corporation HS4-3282-8 Datasheet HTML 7Page - Intersil Corporation HS4-3282-8 Datasheet HTML 8Page - Intersil Corporation HS4-3282-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5-186
Pinout
31
429D0
Transmitter
Data output from Transmitter
32
429D0
Transmitter
Data output from Transmitter.
33
ENTX
Transmitter
Transmitter Enable input signal to initiate data transmission from FIFO memory.
34
CWSTR
Recs/Trans
Control word input strobe signal to latch the control word from the databus into the control
word register.
35
-
-
No connection. Must be left open.
36
-
-
No connection. Must be left open or tied low but never tied high.
37
CLK
Recs/Trans
External clock input. May be either ten (10) or eighty (80) times the data rate. If using both
ARINC data rates it must be ten (10) times the highest data rate, (typically 1MHz).
38
TXCLK
Transmitter
Transmitter Clock output. Delivers a clock frequency equal to the transmitter data rate.
39
MR
Recs/Trans
Master Reset. Active low pulse used to reset FIFO, bit counters, gap timer, word count signal,
TX/R and various other flags and controls. Master reset does not reset the control word
register. Usually only used on Power-Up or System Reset.
40
-
-
No Connection.
Pin Description (Continued)
PIN
SYMBOL
SECTION
DESCRIPTION
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
NC
NC
NC
HS-3282


Similar Part No. - HS4-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS4-3282-8 INTERSIL-HS4-3282-8 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
HS4-3282-8 INTERSIL-HS4-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
More results

Similar Description - HS4-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282_02 Datasheet
305Kb / 17P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com