Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS2-3530RH-8 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS2-3530RH-8
Description  Low Power, Radiation Hardened Programmable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS2-3530RH-8 Datasheet(HTML) 2 Page - Intersil Corporation

  HS2-3530RH-8 Datasheet HTML 1Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 2Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 3Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 4Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 5Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 6Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 7Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 8Page - Intersil Corporation HS2-3530RH-8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
763
Specifications HS-3530RH
Absolute Maximum Ratings
Reliability Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to V-
ISET (Current at ISET) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500
µA
VSET (Voltage to GND at ISET). . . . . . . . . (V+ -2.0V) < VSET < V+
Output Short Circuit Duration (Note 1) . . . . . . . . . . . . . . . . Indefinite
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 275oC
Thermal Resistance
θ
JA
θ
JC
Metal Can Package . . . . . . . . . . . . . . . . .
160oC/W
70oC/W
Maximum Package Power Dissipation at +125oC Ambient:
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.31W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.3mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Operating Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . ±3V to ±15V
VINcm
1/
2 (V+ - V-)
RL
≥ 2kV
TABLE 1A. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: Supply Voltage =
±15V, RSOURCE = 100Ω, RLOAD = 500kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUP
TEMPERATURE
ISET = 1.5
µA
ISET = 15
µA
UNITS
MIN
MAX
MIN
MAX
Input Offset
Voltage
VIO
VCM = 0V
1
+25oC
-3
3
-3
3
mV
2, 3
+125oC, -55oC
-5
5
-5
5
mV
Input Bias
Current
+IB
VCM = 0V, +RS = 10k
-RS = 100
Note 2
1
+25oC
-
-
-40
40
nA
2, 3
+125oC, 0oC
-
-
-50
+50
nA
3
-55oC
-
-
-60
60
nA
-IB
VCM = 0V, +RS = 100
-RS = 10k
Note 2
1
+25oC
-
-
-40
40
nA
2, 3
+125oC, 0oC
-
-
-50
+50
nA
3
-55oC
-
-
-60
60
nA
Input Offset
Current
IIO
VCM = 0V, +RS = 10k
-RS = 10k
Note 2
1
+25oC
-
-
-15
15
nA
2, 3
+125oC, 0oC
-
-
-20
+20
nA
3
-55oC
-
-
-30
30
nA
Large Signal
Voltage Gain
+AVOL
VOUT = 0V and +10V
Note 1
4
+25oC
65
-
80
-
kV/V
5, 6
+125oC, -55oC
25
-
50
-
kV/V
-AVOL
VOUT = 0V and -10V
Note 1
4
+25oC
65
-
80
-
kV/V
5, 6
+125oC, -55oC
25
-
50
-
kV/V
Common Mode
Rejection Ratio
+CMRR
∆VCM = +5V, +V = +10V
-V = -20V, VOUT = -5V
1
+25oC
80
-
80
-
dB
2, 3
+125oC, -55oC
80
-
80
-
dB
-CMRR
∆VCM = -5V, +V = +20V
-V = -10V, VOUT = +5V
1
+25oC
80
-
80
-
dB
2, 3
+125oC, -55oC
80
-
80
-
dB
Output Voltage
Swing
+VOUT
Note 1
1
+25oC
12.5
-
12.5
-
V
2, 3
+125oC, -55oC
10.5
-
10.5
-
V
-VOUT
Note 1
1
+25oC
-
-12.5
-
-12.5
V
2, 3
+125oC, -55oC
-
-10.5
-
-10.5
V
Output Current
+IOUT
RL = 2k
1
+25oC
0.25
-
2.5
-
mA
-IOUT
RL = 2k
1
+25oC
-
-0.25
-
-2.5
mA
Spec Number
518079


Similar Part No. - HS2-3530RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS2-3530AEH-Q INTERSIL-HS2-3530AEH-Q Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS2-3530ARH INTERSIL-HS2-3530ARH Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
HS2-3530ARH-8 INTERSIL-HS2-3530ARH-8 Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS2-3530ARH-8 INTERSIL-HS2-3530ARH-8 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
More results

Similar Description - HS2-3530RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
   Low Power, High Performance Radiation Hardened Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
HS-3530ARH INTERSIL-HS-3530ARH_12 Datasheet
181Kb / 2P
   Radiation Hardened Programmable Low Power Op Amps
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
[Old version datasheet]   Radiation Hardened High-Precision Operational Amplifier
logo
Intersil Corporation
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com