Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-3374RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-3374RH
Description  Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-3374RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-3374RH Datasheet HTML 1Page - Intersil Corporation HS-3374RH Datasheet HTML 2Page - Intersil Corporation HS-3374RH Datasheet HTML 3Page - Intersil Corporation HS-3374RH Datasheet HTML 4Page - Intersil Corporation HS-3374RH Datasheet HTML 5Page - Intersil Corporation HS-3374RH Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Specifications HS-3374RH
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +11.0V
I/O Voltage Applied. . . . . . . . . . . . . . . . . . . GND-0.3V to VDD+0.3V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical)
θ
JA (
oC/W)
θ
JC (
oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . .
74.8
12.3
Maximum Package Power Dissipation at +125oC
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.67W
If Device Power Exceeds Package Dissipation Capability, Provide
Heat Sinking or Derate Linearly at the Following Rate:
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.4mW/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range
VDD . . . . . . . . . . . . . +9.5V to +10.5V
VCC . . . . . . . . . . . . +4.75V to +5.25V
Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC
Input Voltage Range
Data Inputs (CMOS) . . . . . . . . . . . . . . . . . . .GND-0.3 to VDD+0.3
Data Inputs (TTL) . . . . . . . . . . . . . . . . . . . . .GND-0.3 to VCC+0.3
Enable, Disable Inputs . . . . . . . . . . . . . . . . .GND-0.3 to VDD+0.3
Input Low Voltage (CMOS) . . . . . . . . . . . . . . . . . . . . . . . GND to 1V
Input High Voltage (CMOS). . . . . . . . . . . . . . . . . . VDD-1.0V to VDD
Input Low Voltage (TTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V
Input High Voltage (TTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
ENABLE AND DISABLE IINPUTS
Input Leakage Current
IIH CMOS
VDD = 10.5V, VCC = 5.25V,
VIN = 10.5V, Floating Outputs
1, 2, 3
-55oC, +25oC,
+125oC
-1
µA
TTL INPUT TO CMOS OUTPUTS
Input Leakage Current
IIL IIH
VDD = 10.5V, VCC = 5.25V,
VIN = 0.8V, Other Inputs at 2.8V
1, 2, 3
-55oC, +25oC,
+125oC
-1
-
µA
VDD = 10.5V, VCC = 5.25V,
VIN = 2.8V, other Inputs = 0.8V
1, 2, 3
-55oC, +25oC,
+125oC
-1
µA
High Level Output
Voltage
VOH
VDD = 9.5V, VCC = 4.75V,
VIH = 2.8V, VIL = 0.8V,
IOH = -2.0mA
1, 2, 3
-55oC, +25oC,
+125oC
9-
V
Low level output
Voltage
VOL
VDD = 10.5V, VCC = 5.25V,
VIH = 2.8V, VIL 0.8V,
IOL = 2.0mA
1, 2, 3
-55oC, +25oC,
+125oC
-
0.5
V
CMOS to TTL OUTPUTS
High Level Output
Voltage
VOH
VDD = 9.5, VCC = 4.75V,
VIH = 8.5V, VIL = 1.0V,
IOH = -2.0mA
1, 2, 3
-55oC, +25oC,
+125oC
3-
V
Low Level Output
Voltage
VOL
VDD = 10.5V, VCC = 5.25V,
VIH = 9.5V, VIL = 1.0V,
IOL = 11mA
1, 2, 3
-55oC, +25oC,
+125oC
-
0.4
V
Output Leakage
Current
IOZL
VDD = 10.5V, VCC = 5.25V,
VIN = 0V, All other pins high
1, 2, 3
-55oC, +25oC,
+125oC
-10
-
µA
IOZH
VDD = 10.5V, VCC = 5.25V,
VIN = 2.8V, All other pins at
GND
1, 2, 3
-55oC, +25oC,
+125oC
-10
µA
Spec Number
518052


Similar Part No. - HS-3374RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3374RH INTERSIL-HS-3374RH Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
More results

Similar Description - HS-3374RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
logo
Harris Corporation
CD40116 HARRIS-CD40116 Datasheet
382Kb / 6P
   CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com