Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962D9568801VPC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962D9568801VPC
Description  Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D9568801VPC Datasheet(HTML) 1 Page - Intersil Corporation

  5962D9568801VPC Datasheet HTML 1Page - Intersil Corporation 5962D9568801VPC Datasheet HTML 2Page - Intersil Corporation 5962D9568801VPC Datasheet HTML 3Page - Intersil Corporation 5962D9568801VPC Datasheet HTML 4Page - Intersil Corporation 5962D9568801VPC Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
4014.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HS-2620RH, HS-2622RH
Radiation Hardened, Very Wideband, High
Input Impedance Uncompensated
Operational Amplifiers
HS-2620RH and HS-2622RH are radiation hardened bipolar
operational amplifiers that feature very high input impedance
coupled with wideband AC performance. The high resistance
of the input stage is complemented by low offset voltage (4mV
Max at 25oC for HS-2620RH) and low bias and offset current
(15nA Max at 25oC for HS-2620RH) to facilitate accurate
signal processing. Offset voltage can be reduced further by
means of an external nulling potentiometer. Closed loop gains
greater than 5, the 25V/
µs minimum slew rate at 25oC and the
100kV/V minimum open loop gain at 25oC, enables the
HS-2620RH to perform high gain amplification of very fast,
wideband signals. These dynamic characteristics, coupled
with fast settling times, make these amplifiers ideally suited to
pulse amplification designs as well as high frequency or video
applications. The frequency response of the amplifier can be
tailored to exact design requirements by means of an external
bandwidth control capacitor. Other high performance designs
such as high gain, low distortion audio amplifiers, high-Q and
wideband active filters and high speed comparators are
excellent uses of this part.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95688. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95688
• QML Qualified per MIL-PRF-38535 Requirements
• High Input Impedance (HS-2620RH) . . . . . . . 65M
Ω (Min)
• High Gain (HS-2620RH) . . . . . . . . . . . . . . . . 100kV/V (Min)
150kV/V (Typ)
• High Slew Rate (HS-2620RH) . . . . . . . . . . . . . . 25V/
µs (Min)
35V/
µs (Typ)
• Low Input Bias Current (HS-2620RH) . . . . . . . 15nA (Max)
5nA (Typ)
• Low Input Offset Voltage (HS-2620RH) . . . . . . 4mV (Max)
• Wide Gain Bandwidth Product (AV
≥ 5) . . . . . .100MHz (Typ)
• Output Short Circuit Protection
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 x 104 RAD(Si)
Applications
• Video and RF Amplifiers
• Pulse Amplifiers
• Audio Amplifiers and Filters
• High-Q Active Filters
• High Speed Comparators
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962D9568801VGA
HS2-2620RH-Q
-55 to 125
5962D9568801VPA
HS7-2620RH-Q
-55 to 125
5962D9568801VPC
HS7B-2620RH-Q
-55 to 125
5962D9568802VGA
HS2-2622RH-Q
-55 to 125
5962D9568802VPA
HS7-2622RH-Q
-55 to 125
5962D9568802VPC
HS7B-2622RH-Q
-55 to 125
Pinouts
HS7-2620RH, HS7-2622RH (CERDIP) GDIP1-T8
OR
HS7B-2620RH, HS7B-2622RH (SBDIP) CDIP2-T8
TOP VIEW
HS2-2620RH, HS2-2622RH (CAN) MACY1-X8
TOP VIEW
BAL
-IN
+IN
V-
1
2
3
4
8
7
6
5
COMP
V+
OUT
BAL
-
+
COMP
OUT
IN-
V-
BAL
IN+
V+
BAL
2
4
6
1
3
7
5
8
-
+
Data Sheet
August 1999


Similar Part No. - 5962D9568801VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D9568501VGA INTERSIL-5962D9568501VGA Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VGA INTERSIL-5962D9568501VGA Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPA INTERSIL-5962D9568501VPA Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPA INTERSIL-5962D9568501VPA Datasheet
172Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
5962D9568501VPC INTERSIL-5962D9568501VPC Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results

Similar Description - 5962D9568801VPC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
HA-2620 INTERSIL-HA-2620_06 Datasheet
317Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
logo
Renesas Technology Corp
HA-2620 RENESAS-HA-2620 Datasheet
273Kb / 12P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifier
Mar.21.19
logo
Intersil Corporation
HS-2600RH INTERSIL-HS-2600RH Datasheet
87Kb / 5P
   Radiation Hardened Wideband, High Impedance Operational Amplifier
logo
Harris Corporation
HA-2622 HARRIS-HA-2622 Datasheet
263Kb / 7P
   Very Wideband, Uncompensated Operational Amplfiers
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HS-22620RH INTERSIL-HS-22620RH Datasheet
45Kb / 4P
   Rad Hard Dual, Wideband, High Input Impedance Uncompensated Operational Amplifier
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
HS-2520RH INTERSIL-HS-2520RH Datasheet
77Kb / 7P
   Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com