Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9563201TXC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962R9563201TXC
Description  Radiation Hardened Quad Differential Line Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9563201TXC Datasheet(HTML) 3 Page - Intersil Corporation

  5962R9563201TXC Datasheet HTML 1Page - Intersil Corporation 5962R9563201TXC Datasheet HTML 2Page - Intersil Corporation 5962R9563201TXC Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
2450
µm x 4950µm x 533µm ±25.4µm
(97 x 195 x 21mils
±1mil)
METALLIZATION:
M1: Mo/Tiw
Thickness: 5800
Å
M2: Al/Si/Cu
Thickness: 10k
Å
±1kÅ
SUBSTRATE POTENTIAL:
Internally connected to VDD.
May be left floating.
BACKSIDE FINISH:
Silicon
PASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
< 2.0e5 A/cm2
TRANSISTOR COUNT:
285
PROCESS:
Radiation Hardened CMOS, AVLSI
Metallization Mask Layout
HS-26CT31RH
(14) DO
(13) DO
(12) ENABLE
(11) CO
(10) CO
AO (2)
AO (3)
ENABLE (4)
BO (5)
BO (6)
HS-26CT31RH-T


Similar Part No. - 5962R9563201TXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R9563001QXC ETC2-5962R9563001QXC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
5962R9563001QYC ETC2-5962R9563001QYC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
5962R9563001VXC ETC2-5962R9563001VXC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
5962R9563001VYC ETC2-5962R9563001VYC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
5962R9563002TXC ETC2-5962R9563002TXC Datasheet
332Kb / 27P
   MICROCIRCUIT, DIGITAL-LINEAR, RADIATION HARDENED, SINGLE 16-CHANNEL ANALOG MUX / DEMUX WITH OVERVOLTAGE PROTECTION, MONOLITHIC SILICON
More results

Similar Description - 5962R9563201TXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-26C31RH INTERSIL-HS-26C31RH Datasheet
181Kb / 3P
   Radiation Hardened Quad Differential Line Driver
logo
Renesas Technology Corp
HS-26C31RH RENESAS-HS-26C31RH Datasheet
444Kb / 8P
   Radiation Hardened Quad Differential Line Driver
Aug 5, 2022
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH Datasheet
237Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH INTERSIL-HS-26C31RH_13 Datasheet
140Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C31RH-T INTERSIL-HS-26C31RH-T Datasheet
69Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26C32RH-T INTERSIL-HS-26C32RH-T Datasheet
78Kb / 3P
   Radiation Hardened Quad Differential Line Driver
HS-26CLV31RH INTERSIL-HS-26CLV31RH Datasheet
111Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com