Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9961801V9A Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9961801V9A
Description  Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9961801V9A Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9961801V9A Datasheet HTML 1Page - Intersil Corporation 5962F9961801V9A Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TM
File Number
4874
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HS-201HSRH
Radiation Hardened High Speed, Quad
SPST, CMOS Analog Switch
The HS-201HSRH is a monolithic CMOS analog switch
featuring power-off high input impedance, very fast switching
speeds and low ON resistance. Fabrication on our DI RSG
process assures SEL immunity and only very slight
sensitivity to low dose rate (ELDRS). These Class V/Q
devices are tested and guaranteed for 300krad (Si) total
dose performance.
Power-off high input impedance enables the use of this
device in redundant circuits without causing data bus signal
degradation. ESD protection, overvoltage protection, fast
switching times, low ON resistance, and guaranteed
radiation hardness, make the HS-201HSRH ideal for any
space application where improved switching performance is
required.
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center (DSCC). The SMD numbers
listed here must be used when ordering flight units.
Detailed electrical specifications for this device are
contained in SMD 5962-99618. A ”hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to DSCC SMD 5962-99618
• QML Qualified per MIL-PRF-38535
• Radiation Performance
- Guaranteed Total Dose Performance . . . . . 300krad (Si)
- SEL Immune . . . . . . . . . . . . . . . . . . . . .DI RSG Process
- Only Very Slightly Sensitive to Low Dose Rates
(Vertical PNP and NPN device architectures)
• Overvoltage Protection (Power On, Switch Off). . . . . . .
±30V
• Power Off High Impedance . . . . . . . . . . . . . . . . . . .
±17V
• Fast Switching Times
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110ns (Max)
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns (Max)
• Low “ON” Resistance . . . . . . . . . . . . . . . . . . . 50
Ω (Max)
• Pin Compatible with Industry Standard 201 Types
• Operating Supply Range . . . . . . . . . . . . . . . . .
±10V to ±15V
• Wide Analog Voltage Range (
±15V Supplies) . . . . . . . ±15V
• TTL Compatible
Applications
• High Speed Multiplexing
• Sample and Hold Circuits
• Digital Filters
• Operational Amplifier Gain Switching Networks
• Integrator Reset Circuits
Pinout
HS1-201HSRH, SBDIP (CDIP2-T16)
HS9-201HSRH, FLATPACK (CDFP4-F16)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP.
RANGE (oC)
5962F9961801VEC
HS1-201HSRH-Q
-55 to 125
5962F9961801QEC
HS1-201HSRH-8
-55 to 125
5962F9961801VXC
HS9-201HSRH-Q
-55 to 125
5962F9961801QXC
HS9-201HSRH-8
-55 to 125
5962F9961801V9A
HS0-201HSRH-Q
-55 to 125
HS1-201HSRH/PROTO HS1-201HSRH/PROTO
-55 to 125
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A1
OUT1
IN1
V-
GND
IN4
A4
OUT4
A2
IN2
V+
NC
IN3
OUT3
A3
OUT2
Data Sheet
June 2000


Similar Part No. - 5962F9961801V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9961801V9A INTERSIL-5962F9961801V9A Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
5962F9961801V9A RENESAS-5962F9961801V9A Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results

Similar Description - 5962F9961801V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_13 Datasheet
259Kb / 5P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com