Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2535 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2535
Description  0.35 OHM DUAL SPDT ANALOG SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2535 Datasheet(HTML) 1 Page - Protek Devices

  PA2535_15 Datasheet HTML 1Page - Protek Devices PA2535_15 Datasheet HTML 2Page - Protek Devices PA2535_15 Datasheet HTML 3Page - Protek Devices PA2535_15 Datasheet HTML 4Page - Protek Devices PA2535_15 Datasheet HTML 5Page - Protek Devices PA2535_15 Datasheet HTML 6Page - Protek Devices PA2535_15 Datasheet HTML 7Page - Protek Devices PA2535_15 Datasheet HTML 8Page - Protek Devices PA2535_15 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
0.35Ω Dual SPDT Analog Switch
PA2535/2536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
1
95060 Rev.2. 10/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Features
Low Voltage Operation
Low On-Resistance Ron = 0.35Ω @ 2.7 V
−69 dB OIRR @ 2.7 V, 100 kHz
DFN-10 Package
ESD Protection >2000 V
Latch-Up Current >300 mA (JESD 78)
Benefits
Reduced Power Consumption
High Accuracy
Reduce Board Space
1.8-V Logic Compatible
High Bandwidth
Applications
Cellular Phones
Speaker Headset Switching Audio and
Video Signal Routing
PCMCIA Cards
Battery Operated Systems
Relay Replacement
USB1.1
Truth Table
Logic
NC1 and NC2
NO1 and NO2
0
ON
OFF
1
OFF
ON
Description
The PA2535/PA2536 are 0.35Ω dual SPDT analog switches
designed for low voltage applications.
The PA2535/PA2536 has on-resistance matching (less than
0.05Ω @ 2.7 V) and flatness (less than 0.2Ω @ 2.7 V) that is
guaranteed, over the entire voltage range. Additionally, low
logic thresholds make the PA2535/PA2536 an ideal interface
to low voltage DSP control signals.
The PA2535/PA2536 has fast switching speed with break-
before-make guaranteed. In the On condition, all switching
elements conduct equally in both directions. Off-isolation and
crosstalk is −69 dB @ 100 kHz.
The PA2535/PA2536 is built on ProTek Analog's high-
density low voltage CMOS process. An epitaxial layer is built in
to prevent latchup.
The PA2535/PA2536 contains the additional benefit of
2,000 Volt ESD protections.
In a space saving DFN-10 lead (Pb)-free package, the
PA2535/PA2536 are high performance, low Ron switches for
battery powered applications.
No lead (Pb) is used in the manufacturing process either
inside the device/package or on the external terminations.
As a committed partner to the community and the
environment, ProTek Analog manufactures this product with
the lead (Pb)-free device terminations.
For analog switching products manufactured in DFN
packages, the lead (Pb)-free "LF" suffix is being used as a
designator. Lead (Pb)-free DFN products purchased at any
time will have either a nickel-palladium-gold device termination
or a 100% matte tin device termination.
The different lead (Pb)-free materials are interchangeable and
meet all JEDEC standards for reflow and MSL rating.
Ordering Information
Temp Range
Package
Part Number
-40 to +80°C
DFN-10
PA2535DN-T7
PA2536DN-T7
PA2535DN-T13
PA2536DN-T13
COM2
GND
V+
NO1
COM1
IN1
NC1
NC2
IN2
NO2
PA2535
1
5
6
10
GND
COM2
NO2
IN2
NC2
NC1
COM1
IN1
NO1
V+
PA2536
1
5
6
10


Similar Part No. - PA2535_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2535DN-T13 PROTEC-PA2535DN-T13 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
PA2535DN-T7 PROTEC-PA2535DN-T7 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
More results

Similar Description - PA2535_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535 Datasheet
144Kb / 9P
   0.35廓 Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com