Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMPS-E-1206 Datasheet(PDF) 1 Page - Protek Devices

Part # PMPS-E-1206
Description  POLYMER PTC DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMPS-E-1206 Datasheet(HTML) 1 Page - Protek Devices

  PMPS-E-1206_15 Datasheet HTML 1Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 2Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 3Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 4Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 5Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 6Page - Protek Devices PMPS-E-1206_15 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05462.R0 6/14
Page 1
PMPS-E-1206 SERIES
POLYMER PTC DEVICE
DESCRIPTION
Surface mount PTC devices are the preferred over-current protection method for computer, consumer electronic, por-
table electronics and automotive applications. These devices are suitable for automated assembly and are designed
to save on board space.
FEATURES
• Over-Current Protection
• Compatible with High-Volume Electronic Assembly
• RoHS Compliant
• Halogen Free
MECHANICAL CHARACTERISTICS
• Surface Mount Device: Size 1206
• Approximate Weight: 0.0058 grams
• Lead-Free
• 8mm Tape and Reel Per EIA Standard 481
APPLICATIONS
• Motherboard USB & IEEE 1394 Protection
• USB Hubs, Ports and Peripherals
• Battery PCM
• Mobile Internet Device (MID)
• Game Console Port Protection
• Optical Electronics
• Security Systems
• Industrial Controls
• Set-Top Box and HDMI
• IC VCC Protection
PTC DEVICE


Similar Part No. - PMPS-E-1206_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS016-E-1206 PROTEC-PMPS016-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS020-E-1206 PROTEC-PMPS020-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS020-FH-1206 PROTEC-PMPS020-FH-1206_15 Datasheet
392Kb / 6P
   POLYMER PTC DEVICE
PMPS035-E-1206 PROTEC-PMPS035-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
More results

Similar Description - PMPS-E-1206_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
   POLYMER PTC DEVICE
PMPS075_1812 PROTEC-PMPS075_1812_15 Datasheet
394Kb / 6P
   POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS380E_1206 PROTEC-PMPS380E_1206_15 Datasheet
545Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
PLRO1206-300 PROTEC-PLRO1206-300 Datasheet
441Kb / 5P
   POLYMER PTC DEVICE
PMPS200D-1210 PROTEC-PMPS200D-1210 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com