Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMPS380E_1206 Datasheet(PDF) 3 Page - Protek Devices

Part # PMPS380E_1206
Description  POLYMER PTC DEVICE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMPS380E_1206 Datasheet(HTML) 3 Page - Protek Devices

  PMPS380E_1206_15 Datasheet HTML 1Page - Protek Devices PMPS380E_1206_15 Datasheet HTML 2Page - Protek Devices PMPS380E_1206_15 Datasheet HTML 3Page - Protek Devices PMPS380E_1206_15 Datasheet HTML 4Page - Protek Devices PMPS380E_1206_15 Datasheet HTML 5Page - Protek Devices PMPS380E_1206_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05431.R0 7/13
Page 3
PMPS380E-1206
tyPical dEvicE chaRactERiSticS
SoldERing PaRaMEtERS
PRoFilE FEatuRES
PB-FREE aSSEMBly
Average Ramp-Up Rate -
Tsmin to Tp
3°C/Second Max
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (Tsmin to Tsmax)
150°C
200°C
60-180 Seconds
Time Maintained Above:
- Temperature (Tm)
- Time (tm)
217°C
60-150 Seconds
Peak Temperature (Tp)
260°C
Time within 5°C of Tp (tp)
20-40 Seconds
Ramp-Down Rate
6°C/Seconds Max
Time 25°C to Tp
8 Minutes Max
1. All temperatures refer to topside of the package, mea-
sured on the package body surface.
2. Recommended reflow methods: IR, Vapor Phase, Hot Air
Oven.
3. Devices are not designed to be wave soldered to the bot-
tom side of the board.
4. Devices can be cleaned using standard industry methods
and solvents.
5. If reflow temperatures exceed the recommended profile,
devices may not meet the performance requirements.
t 25°C to Peak
Time
Ramp-Down
ts Preheat
Tsmin
Tsmax
Tm
Tp
tm
Ramp-Up
Tp
Critical Zone
Tm to Tp
noticES
The devices are intended for protection against overcurrent or overtemperature fault conditions and should not be used when repeated fault conditions are antici-
pated. Operation beyond maximum ratings or improper use may result in device damage and possible arcing and flame.
WaRning
Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame. Polymeric thermistors operate by
thermal expansion of the conductive polymer. If devices are placed under pressure or installed in space that would prevent thermal expansion, they may not properly
protect against fault conditions. Designs must be selected in such a manner that adequate space is maintained over the life of the product.
Twisting, bending, or placing the Polymeric thermistors in tension will decrease the ability of the device to protect against electrical faults. No residual force should
remain on the device after installation. Mechanical damage to Polymeric thermistors chip may affect device performance and should be avoided.
Chemical contamination of Polymeric thermistors should be avoided. Certain greases, solvents, hydraulic fluids, fuels, industrial cleaning agents, volatile components
of adhesives, silicones and electrolytes can have an adverse effect on the device performance.
Environmental conditions must not harm the thermistors. Use thermistors only in normal atmospheric conditions. Avoid use in deoxidizing gases, corrosive agents,
humid or salty conditions. Contact with any liquids and solvents should be prevented. Device performance can be impacted negatively if devices are handled in a
manner inconsistent with recommended electronic, thermal and mechanical procedures for electronic components.


Similar Part No. - PMPS380E_1206_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS380E-1206 PROTEC-PMPS380E-1206 Datasheet
542Kb / 6P
   POLYMER PTC DEVICE
More results

Similar Description - PMPS380E_1206_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
   POLYMER PTC DEVICE
PMPS-E-1206 PROTEC-PMPS-E-1206_15 Datasheet
392Kb / 7P
   POLYMER PTC DEVICE
PMPS075_1812 PROTEC-PMPS075_1812_15 Datasheet
394Kb / 6P
   POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
PLRO1206-300 PROTEC-PLRO1206-300 Datasheet
441Kb / 5P
   POLYMER PTC DEVICE
PMPS200D-1210 PROTEC-PMPS200D-1210 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com