Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMPS075_1812 Datasheet(PDF) 1 Page - Protek Devices

Part # PMPS075_1812
Description  POLYMER PTC DEVICE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMPS075_1812 Datasheet(HTML) 1 Page - Protek Devices

  PMPS075_1812_15 Datasheet HTML 1Page - Protek Devices PMPS075_1812_15 Datasheet HTML 2Page - Protek Devices PMPS075_1812_15 Datasheet HTML 3Page - Protek Devices PMPS075_1812_15 Datasheet HTML 4Page - Protek Devices PMPS075_1812_15 Datasheet HTML 5Page - Protek Devices PMPS075_1812_15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05436.R0 9/13
Page 1
PMPS075-1812
PolyMer Ptc device
DescriPtion
Surface mount PTC devices are the preferred over-current protection method for computer, consumer electronic, por-
table electronics and automotive applications. These devices are suitable for automated assembly and are designed
to save on board space.
Features
• Over-Current Protection
• RoHS & REACH Compliant
• Halogen Free
Mechanical characteristics
• Surface Mount Device: Size 1812
• Approximate Weight: 0.0476 grams
• Lead-Free
• 12mm Tape and Reel Per EIA Standard 481
aPPlications
• Game Console Port Protection
• Optical Electronics
• Security Systems
• Industrial Controls
• Motherboard USB & IEEE 1394 Protection
• USB Hubs, Ports and Peripherals
• Set-Top Box & HDMI
• Battery PCM
• Mobile Internet Device (MID)
• Portable MP3 & Media Players
• IC VCC Protection
Ptc Device
electrical sPeciFications
Part
nuMBer
Marking
coDe
MaXiMuM
holDing
current
(Note 1)
i
h
aMPs
MiniMuM
triP
current
(Note 2)
i
t
aMPs
MaXiMuM
interruPt
voltage
(Note 3)
v
MaX
volts
MaXiMuM
Fault
current
(Note 4)
i
MaX
aMPs
MaXiuM
TIME-TO-TRIP
current
(Note 5)
t
triP
AMPS @ Secs
tYPical
PoWer
DissiPation
(Note 6)
P
D
Watts
MiniMuM
resistance
(Note 7)
r
Min
ohMs
MaXiMuM
resistance
(Note 8)
r
MaX
ohMs
PMPS075-1812
75H
0.75
1.50
24
100
8.00A @ 0.20s
0.60
0.070
0.350
notes
1. The maximum current at which the device will not trip at 25°C in still air.
2. The minimum current at which the device will always trip at 25°C in still air.
3. The maximum interrupt voltage the device can withstand without damage at the rated current.
4. The maximum fault current the device can withstand without damage at the rated voltage.
5. The maximum time to trip at the assigned current.
6. The typical amount of power dissipated by the device when in state air environment.
7. The minimum device resistance at 25°C prior to tripping.
8. The maximum device resistance at 25°C measured one hour post reflow.


Similar Part No. - PMPS075_1812_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS075-1812 PROTEC-PMPS075-1812 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
More results

Similar Description - PMPS075_1812_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMPS200_1812 PROTEC-PMPS200_1812_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS260C_1812 PROTEC-PMPS260C_1812_15 Datasheet
437Kb / 6P
   POLYMER PTC DEVICE
PMPS-E-1206 PROTEC-PMPS-E-1206_15 Datasheet
392Kb / 7P
   POLYMER PTC DEVICE
PLRO1210-190 PROTEC-PLRO1210-190 Datasheet
440Kb / 5P
   POLYMER PTC DEVICE
PMPS012-E-1206 PROTEC-PMPS012-E-1206 Datasheet
389Kb / 7P
   POLYMER PTC DEVICE
PMPS150E_1206 PROTEC-PMPS150E_1206_15 Datasheet
391Kb / 6P
   POLYMER PTC DEVICE
PMPS380E_1206 PROTEC-PMPS380E_1206_15 Datasheet
545Kb / 6P
   POLYMER PTC DEVICE
PMPS150_1812 PROTEC-PMPS150_1812_15 Datasheet
547Kb / 6P
   POLYMER PTC DEVICE
PLRO1206-300 PROTEC-PLRO1206-300 Datasheet
441Kb / 5P
   POLYMER PTC DEVICE
PMPS200D-1210 PROTEC-PMPS200D-1210 Datasheet
389Kb / 6P
   POLYMER PTC DEVICE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com