Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLR0522 Datasheet(PDF) 6 Page - Protek Devices

Part # PLR0522
Description  STEELING DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLR0522 Datasheet(HTML) 6 Page - Protek Devices

  PLR0522_15 Datasheet HTML 1Page - Protek Devices PLR0522_15 Datasheet HTML 2Page - Protek Devices PLR0522_15 Datasheet HTML 3Page - Protek Devices PLR0522_15 Datasheet HTML 4Page - Protek Devices PLR0522_15 Datasheet HTML 5Page - Protek Devices PLR0522_15 Datasheet HTML 6Page - Protek Devices PLR0522_15 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05286.R1 3/15
Page 6
PLR0522
TAPE AND REEL
ORDERING INFORMATION
BASE PART NUMBER
LEADFREE SUFFIX
TAPE SUFFIX
QTY/REEL
REEL SIZE
TUBE QTY
PLR0522
n/a
-T7
3,000
7”
n/a
This device is only available in a Lead-Free configuration.
SPECIFICATIONS
REEL DIA.
TAPE
WIDTH
A0
B0
K0
D
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
1.30± 0.10 1.90 ± 0.10 0.70 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 4.00 ± 0.10
0.25
NOTES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 3,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2) and polarity dot.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Pin 1


Similar Part No. - PLR0522_15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
   ultra LOW CAPACITA NCE TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P_12 Datasheet
782Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PLR0522_15

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com