Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2782GR Datasheet(PDF) 6 Page - NEC

Part # UPC2782GR
Description  L BAND DOWN CONVERTER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2782GR Datasheet(HTML) 6 Page - NEC

Back Button UPC2782GR Datasheet HTML 2Page - NEC UPC2782GR Datasheet HTML 3Page - NEC UPC2782GR Datasheet HTML 4Page - NEC UPC2782GR Datasheet HTML 5Page - NEC UPC2782GR Datasheet HTML 6Page - NEC UPC2782GR Datasheet HTML 7Page - NEC UPC2782GR Datasheet HTML 8Page - NEC UPC2782GR Datasheet HTML 9Page - NEC UPC2782GR Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet P11758EJ3V0DS00
6
µµµµPC2782GR
Electrical Characteristics (TA = 25 °C, VCC = 5 V)
Parameter
Symbol
MIN.
TYP.
MAX.
UNIT
Test Conditions
Circuit Current
ICC
46
66
78
mA
No input signal
*2
RF Input Frequency Range
RF BW
0.9
2.1
GHz
PRF =
−20 dBm, POSC = −10 dBm
fIF = 480 MHz,
−3 dB down
*2
IF Output Frequency Range
IF BW
150
500
MHz
fRF = 2.1 GHz, PRF =
−20 dBm
POSC =
−10 dBm, −3 dB down
*2
Mixer Section
Conversion Gain
CG1
7
10
13
dB
fRF = 900 MHz, PRF =
−30 dBm
fOSC = 1 380 MHz, POSC =
−10 dBm *2
Conversion Gain 2
CG2
8
11
14
dB
fRF = 2.1 GHz, PRF =
−30 dBm
fOSC = 2.58 GHz, POSC =
−10 dBm
*2
Maximum Output Power 1
PO (sat)1+2
+5
dBm
fRF = 900 MHz, PRF = 0 dBm
fOSC = 1 380 MHz, POSC =
−10 dBm *2
Maximum Output Power 2
PO (sat)2+2
+5
dBm
fRF = 2.1 GHz, PRF = 0 dBm
fOSC = 2.58 GHz, POSC =
−10 dBm
*2
Noise Figure 1
NF1
11.0
14.0
dB
fRF = 900 MHz, POSC =
−10 dBm
*3
Noise Figure 2
NF2
13.5
16.5
dB
fRF = 2.1 GHz, POSC =
−10 dBm
*3
IF Amp. Section
IF Input Frequency Range
IFinBW
150
500
MHz
PIF =
−30 dBm, VAGC = 0 V
−3 dB down
*4
IF Power Gain
GIF
20
23
26
dB
fIF = 480 MHz, PIF =
−30 dBm
VAGC = 0
*4
Maximum Output Power 3
PO (sat)3+5
+8
dBm
fIF = 480 MHz, PIF = 0 dBm
VAGC = 0 V
*4
AGC Dynamic range
∆GAGC
20
25
dB
fIF = 480 MHz, PIF =
−30 dBm
VAGC = 0 to 5 V
*4
Noise Figure 3
NF3
12.0
15.0
dB
fIF = 480 MHz, VAGC = 0 V
*5
*2 by measurement circuit 1
*3 by measurement circuit 2
*4 by measurement circuit 4
*5 by measurement circuit 5


Similar Part No. - UPC2782GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
UPC2782GR-E1 NEC-UPC2782GR-E1 Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
More results

Similar Description - UPC2782GR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER
logo
Sony Corporation
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
   L-band Down Converter for Satellite Tuner
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
   L-band Down-converter for DAB Receivers
logo
NEC
UPC2721 NEC-UPC2721 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
   L-Band Down-Converter for DAB Receivers
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
   L-band Down-converter for DAB Receivers
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
   3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com