Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2775GR-E1 Datasheet(PDF) 4 Page - NEC

Part # UPC2775GR-E1
Description  FREQUENCY DOWN CONVERTER FOR VHF-UHF BAND TV/VCR TUNER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2775GR-E1 Datasheet(HTML) 4 Page - NEC

  UPC2775GR-E1 Datasheet HTML 1Page - NEC UPC2775GR-E1 Datasheet HTML 2Page - NEC UPC2775GR-E1 Datasheet HTML 3Page - NEC UPC2775GR-E1 Datasheet HTML 4Page - NEC UPC2775GR-E1 Datasheet HTML 5Page - NEC UPC2775GR-E1 Datasheet HTML 6Page - NEC UPC2775GR-E1 Datasheet HTML 7Page - NEC UPC2775GR-E1 Datasheet HTML 8Page - NEC UPC2775GR-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPC2775GR/GS
4
Data Sheet P10194EJ3V0DS00
Symbol
IF
output
VCC
MIX
output 1
MIX
output 2
VRF
input
(bypass)
VRF input
GND
URF input
(bypass)
URF input
Equivalent circuit
Pin No.
11
12
13
14
15
16
17
18
19
20
Pin voltage TYP.
above: V mode (V)
below: U mode (U)
5.80
5.65
9.0
9.0
7.05
6.95
7.05
6.95
2.75
2.80
2.75
2.80
0
0
2.65
2.65
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
- - - - - - - - - - - - -
Function and Explanation
IF output pins of VHF-UHF band
functions.
Higher output power can be obtained
by connecting registor (ex. 470
Ω) to
the ground.
Power supply for VHF-UHF band
functions.
VHF and UHF MIX output pin.
These pins should be equipped with
tank circuit to adjust frequency.
VRF signal input pin from antenna.
Bypass pin for VHF MIX input.
Grounded through capacitor.
GND pin of MIX, IF amplifier and
regulator.
Bypass pin for UHF MIX input.
Grounded through capacitor.
URF signal input pin from antenna.
- - - - - - - - - - - - -
- - - - - - - - - - - - -
11
12
13
15
From
VHF
OSC
14
13
16
17
15
From
UHF
OSC
14
13
20
19


Similar Part No. - UPC2775GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2771T NEC-UPC2771T Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2771T NEC-UPC2771T Datasheet
84Kb / 4P
   3V, 2400 MHz MEDIUM POWER SI MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2771T RENESAS-UPC2771T Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2771T RENESAS-UPC2771T Datasheet
332Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2771T RENESAS-UPC2771T Datasheet
327Kb / 19P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC2775GR-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2797GR NEC-UPC2797GR Datasheet
143Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC2794GS NEC-UPC2794GS Datasheet
142Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
UPC3207GR NEC-UPC3207GR Datasheet
139Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND RECEIVER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com