Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2766GS-E1 Datasheet(PDF) 3 Page - NEC

Part # UPC2766GS-E1
Description  WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2766GS-E1 Datasheet(HTML) 3 Page - NEC

  UPC2766GS-E1 Datasheet HTML 1Page - NEC UPC2766GS-E1 Datasheet HTML 2Page - NEC UPC2766GS-E1 Datasheet HTML 3Page - NEC UPC2766GS-E1 Datasheet HTML 4Page - NEC UPC2766GS-E1 Datasheet HTML 5Page - NEC UPC2766GS-E1 Datasheet HTML 6Page - NEC UPC2766GS-E1 Datasheet HTML 7Page - NEC UPC2766GS-E1 Datasheet HTML 8Page - NEC UPC2766GS-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
µPC2766GR/GS
Data Sheet P10193EJ4V0DS00
PIN FUNCTIONS
PIN No.
PIN NAME
PIN VOLTAGE
FUNCTION AND EXPLANATION
EQUIVALENT CIRCUIT
TYP. (V)
1
I Trim
4.2
Trimming pin for I-IF output.
2VCCIF I
5.0
Power supply pin for I-MIXER.
3VCCRF
5.0
Power supply pin for RF and AGC
block.
4
GND RF
0.0
Ground pin of RF and AGC block.
5
RFin
2.6
RF input pin. In case of single input,
6 pin should be grounded through
capacitor.
6
RFin
2.6
7
GND RF
0.0
Ground pin of RF and AGC block.
8VAGC
0 to 5
Gain control pin.
• VAGC = 0 V: Full gain
• VAGC = 5 V: Maximum reduction
9VCCIF Q
5.0
Power supply pin for Q-MIXER.
10
Q Trim
4.2
Trimming pin for Q-IF output.
1
VCC
5
6
To next
block
8
VCC
VCC
10


Similar Part No. - UPC2766GS-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC2766GR-E1 NEC-UPC2766GR-E1 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
More results

Similar Description - UPC2766GS-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
STMicroelectronics
TEA5040S STMICROELECTRONICS-TEA5040S Datasheet
177Kb / 12P
   WIDE BAND VIDEO PROCESSOR
April 1993
TEA5040 STMICROELECTRONICS-TEA5040 Datasheet
178Kb / 12P
   WIDE BAND VIDEO PROCESSOR
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
logo
Sony Corporation
CXA3067M SONY-CXA3067M Datasheet
386Kb / 24P
   Wide Band FSK Receiver
CXA3067AM SONY-CXA3067AM Datasheet
415Kb / 24P
   Wide Band FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com