Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2763TB-E3 Datasheet(PDF) 11 Page - NEC

Part # UPC2763TB-E3
Description  3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2763TB-E3 Datasheet(HTML) 11 Page - NEC

Back Button UPC2763TB-E3 Datasheet HTML 7Page - NEC UPC2763TB-E3 Datasheet HTML 8Page - NEC UPC2763TB-E3 Datasheet HTML 9Page - NEC UPC2763TB-E3 Datasheet HTML 10Page - NEC UPC2763TB-E3 Datasheet HTML 11Page - NEC UPC2763TB-E3 Datasheet HTML 12Page - NEC UPC2763TB-E3 Datasheet HTML 13Page - NEC UPC2763TB-E3 Datasheet HTML 14Page - NEC UPC2763TB-E3 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet P12710EJ2V0DS00
11
µµµµPC2762TB, µµµµPC2763TB, µµµµPC2771TB
µPC2762TB −
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Input Power Pin (dBm)
Input Power Pin (dBm)
SATURATED OUTPUT POWER vs.
FREQUENCY
SATURATED OUTPUT POWER vs.
FREQUENCY
Frequency f (GHz)
Input Power Pin (dBm)
–10
–20
–15
+5
–5
+15
0
+5
+10
–10
–5
0
–10
–20
–5
0
+5
+10
+15
–15
–10
–5
0
+5
OUTPUT POWER vs. INPUT POWER
OUTPUT POWER vs. INPUT POWER
f = 0.9 GHz
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
–10
–20
–15
+5
–5
+15
TA = +85
°C
TA = +25
°C
TA = –40
°C
0
+5
+10
–10
–5
0
f = 0.9 GHz
VCC = 3.0 V
f = 1.9 GHz
Frequency f (GHz)
–10
–20
–15
+5
–5
+15
0
+5
+10
–10
–5
0
f = 1.9 GHz
VCC = 3.0 V
+3
0.1
+9
+11
+13
+5
+7
1.0
3.0
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
0.3
+3
0.3
+5
+7
+9
+13
1.0
3.0
+11
Pin = +3 dBm
Pin = +3 dBm
0.1
TA = +85
°C
TA = +25
°C
TA = –40
°C
VCC = 3.0 V
VCC = 3.3 V
VCC = 2.7 V
TA = +85
°C
TA = +25
°C
TA = –40
°C


Similar Part No. - UPC2763TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2763TB-E3 NEC-UPC2763TB-E3 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC2763TB-E3 RENESAS-UPC2763TB-E3 Datasheet
395Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
logo
California Eastern Labs
UPC2763TB-E3-A CEL-UPC2763TB-E3-A Datasheet
183Kb / 7P
   3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
More results

Similar Description - UPC2763TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
   3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
   3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
UPC8182TB NEC-UPC8182TB Datasheet
404Kb / 16P
   3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com