Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS9S-117RH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS9S-117RH-Q
Description  Radiation Hardened Adjustable Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9S-117RH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS9S-117RH-Q Datasheet HTML 1Page - Intersil Corporation HS9S-117RH-Q Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4560.4
HS-117RH
Radiation Hardened
Adjustable Positive Voltage Regulator
The Radiation Hardened HS-117RH is an adjustable positive
voltage linear regulator capable of operating up to 40VDC.
The voltage is adjustable from 1.2V to 37V with two external
resistors. The device is capable of sourcing from 50mA to
1.25APEAK (Min). Protection is provided by the on-chip
thermal shutdown and output current limiting circuitry.
The Intersil HS-117RH has advantages over other industry
standard types, in that circuitry is incorporated to minimize
the effects of radiation and temperature on device stability.
Negligible low dose rate sensitivity is achieved through the
use of vertical transistor geometries.
Constructed with the Intersil dielectrically isolated Rad Hard
Silicon Gate (RSG) process, the HS-117RH is immune to
Single Event Latch-up and has been specifically designed to
provide highly reliable performance in harsh radiation
environments.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for the HS-117RH are
contained in SMD 5962-99547. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Pinout
HS9S-117RH (TO-257AA FLANGE MOUNT)
TOP VIEW
Features
• Electrically Screened to DSSC SMD # 5962-99547
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- 300kRAD(Si) (Max)
- Latch-up Immune
- Negligible Low Dose Rate Effects Sensitivity
• Superior Temperature Stability
• Over-Temp and Over-Current/Voltage Protection
Applications
• Switch Mode DC - DC Power Conversion
• Housekeeping Supplies for Motors
• Power Supplies for Robotic Control
HSYE-117RH (SMD.5 CLCC)
BOTTOM VIEW
NOTE: No current JEDEC outline for the SMD.5 package. Refer to
SMD for package dimensions. The TO-257 is a totally isolated metal
package.
ADJUST
OUT
IN
3
2
1
Ordering Information
ORDERING
NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9954701VXC
HS9S-117RH-Q
-55 to 125
5962F9954701QXC
HS9S-117RH-8
-55 to 125
5962F9954701/VYA
HSYE-117RH-Q
-55 to 125
5962F9954701/QYA
HSYE-117RH-8
-55 to 125
HS9S-117RH/Proto
HS9S-117RH/Proto
-55 to 125
HSYE-117RH/Proto
HSYE-117RH/Proto
-55 to 125
1 - ADJUST
2 - IN
3 - OUT
1
2
3
Data Sheet
February 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HS9S-117RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9S-117RH-Q INTERSIL-HS9S-117RH-Q Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS9S-117RH-Q RENESAS-HS9S-117RH-Q Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results

Similar Description - HS9S-117RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
   Radiation Hardened Adjustable Positive Voltage Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
   Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
logo
Aeroflex Circuit Techno...
VRG8660 AEROFLEX-VRG8660 Datasheet
275Kb / 6P
   Adjustable Regulator Positive Voltage Radiation Tolerant
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
ISL75051ASEH RENESAS-ISL75051ASEH Datasheet
1Mb / 22P
   3A, Radiation Hardened, Positive, Ultra-Low Dropout Regulator
May 16, 2019
ISL75052SEH RENESAS-ISL75052SEH Datasheet
1Mb / 21P
   1.5A, Radiation Hardened, Positive, High Voltage LDO
Feb 9, 2023
logo
Aeroflex Circuit Techno...
VRG8691 AEROFLEX-VRG8691 Datasheet
393Kb / 10P
   Adjustable 7.5A Positive LDO Regulator Radiation Tolerant
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com