Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1410RH Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS-1410RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1410RH Datasheet(HTML) 2 Page - Intersil Corporation

  HS-1410RH Datasheet HTML 1Page - Intersil Corporation HS-1410RH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
59 mils x 59 mils x 19 mils
±1 mil
(1500
µm x 1500µm x 483µm ± 25.4µm)
INTERFACE MATERIALS:
Glassivation:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
Top Metallization:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
Substrate:
UHF-1, Bonded Wafer, DI
ASSEMBLY RELATED INFORMATION:
Substrate Potential (Powered Up):
Floating (Recommend Connection to V-)
ADDITIONAL INFORMATION:
Transistor Count:
75
Metallization Mask Layout
HS-1410RH
NOTE: This pad is not bonded out on packaged units. Die users may set a GND reference, via this pad, to ensure the TTL compatibility of the DIS
input when using asymmetrical supplies (e.g. V+ = 10V, V- = 0V).
V-
OPTIONAL GND (NOTE)
OUT
+IN
-IN
V+
DISABLE
HS-1410RH


Similar Part No. - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
More results

Similar Description - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Intersil Corporation
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com