Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1410RH Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS-1410RH
Description  Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1410RH Datasheet(HTML) 1 Page - Intersil Corporation

  HS-1410RH Datasheet HTML 1Page - Intersil Corporation HS-1410RH Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
File Number
4470.1
HS-1410RH
Radiation Hardened, High Speed, Low
Power, Current Feedback Op Amp with
Output Disable
The Radiation Hardened HS-1410RH is a high speed, low
power current feedback amplifier built with Intersil’s
proprietary complementary bipolar UHF-1 (DI, bonded
wafer) process. This technology provides an immunity to
Single Event Latch-up and the capability of highly reliable
performance in any radiation environment. These devices
are QML approved and are manufactured and screened in
full compliance with MIL-PRF-38535.
This amplifier features a TTL/CMOS compatible DISABLE
control, pin 10, which when pulled low, reduces the supply
current and forces the output into a high impedance state.
This allows easy implementation of simple, low power
multiplexing circuits in redundant spacecraft designs. The
wide bandwidth and fast slew rate make these devices
ideal for pulse and video amplifier and routing applications.
The high output current and disable feature provide the
perfect combination needed for A/D driver/multiplexer
circuits.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-98518. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-98518
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
- Total Dose . . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEL . . . . . . . . . . . . . . None (Bonded Wafer DI Process)
• Wide 3dB Bandwidth (Typ) . . . . . . . . . . . . . . . . . . 360MHz
• High Slew Rate (Typ) . . . . . . . . . . . . . . . . . . . . 1000V/
µS
• High Output Current (Typ) . . . . . . . . . . . . . . . . . . . . 60mA
• Low Supply Current (Typ) . . . . . . . . . . . . . . . . . . . . 5.9mA
• Output Enable/Disable Time (Typ) . . . . . . . . . 180ns/35ns
• Upgrade for CLC410/411
Applications
• Multiplexing Flash A/D Drivers
• High Speed Signal Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• Imaging Systems
Pinout
HS9-1410RH (FLATPACK) CDFP3-F10
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962F9851801VXC
HS9-1410RH-Q
-55 to 125
NC
-IN
+IN
V-
NC
DISABLE
V+
OUT
NC
NC
10
9
8
7
6
2
3
4
5
1
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999


Similar Part No. - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
   Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
More results

Similar Description - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Intersil Corporation
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
   Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
   Radiation Hardened Programmable Low Power Op Amp
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
   Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com