Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1-139RH-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # HS1-139RH-T
Description  Radiation Hardened Quad Voltage Comparator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-139RH-T Datasheet(HTML) 2 Page - Intersil Corporation

  HS1-139RH-T Datasheet HTML 1Page - Intersil Corporation HS1-139RH-T Datasheet HTML 2Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
3750
µm x 2820µm (148 mils x 111 mils)
483
µm ± 25.4µm (19 mils ± 1 mil)
INTERFACE MATERIALS
Glassivation
Type: Nitride (Si3N4) over Silox (SiO2
Nitride Thickness: 4.0kA +/- 0.5kA
Silox Thickness: 12.0kA +/- 1.3kA
Top Metallization
Type: AL Si Cu
Thickness: 16.0kA +/- 2kA
Substrate:
Radiation Hardened Silicon Gate,
Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density:
<2.0 x 105 A/cm2
Transistor Count:
49
Metallization Mask Layout
HS-139RH-T
GND
+IN4
-IN4
V+
-IN1
+IN1
+IN3
-IN3
+IN2
-IN2
OUT4
OUT3
OUT2
OUT1
(9)
(8)
(7)
(6)
(5)
(4)
(3)
(2)
(1)
(14)
(13)
(12)
(11)
(10)
HS-139RH-T


Similar Part No. - HS1-139RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-139RH-8 INTERSIL-HS1-139RH-8 Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
HS1-139RH-8 INTERSIL-HS1-139RH-8 Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS1-139RH-8 RENESAS-HS1-139RH-8 Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
logo
Intersil Corporation
HS1-139RH-Q INTERSIL-HS1-139RH-Q Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
HS1-139RH-Q INTERSIL-HS1-139RH-Q Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
More results

Similar Description - HS1-139RH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-139RH INTERSIL-HS-139RH_04 Datasheet
134Kb / 2P
   Radiation Hardened Quad Voltage Comparator
logo
Renesas Technology Corp
HS-139RH RENESAS-HS-139RH Datasheet
515Kb / 6P
   Radiation Hardened Quad Voltage Comparator
August 8, 2013
logo
Intersil Corporation
HS-139RH INTERSIL-HS-139RH Datasheet
105Kb / 3P
   Radiation Hardened Quad Voltage Comparator
HS-139EH INTERSIL-HS-139EH Datasheet
181Kb / 3P
   Radiation Hardened Quad Voltage Comparator
IS-139ASRH INTERSIL-IS-139ASRH Datasheet
73Kb / 2P
   Single Event Radiation Hardened Quad Voltage Comparator
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
   Radiation Hardened High Speed Dual Voltage Comparator
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HCTS85MS INTERSIL-HCTS85MS_02 Datasheet
279Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
logo
Renesas Technology Corp
HCTS85MS RENESAS-HCTS85MS Datasheet
497Kb / 9P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
logo
Intersil Corporation
HCTS85MS INTERSIL-HCTS85MS Datasheet
214Kb / 10P
   Radiation Hardened 4-Bit Magnitude Comparator
September 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com