Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS0-0547RH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS0-0547RH-Q
Description  Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS0-0547RH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS0-0547RH-Q Datasheet HTML 1Page - Intersil Corporation HS0-0547RH-Q Datasheet HTML 2Page - Intersil Corporation HS0-0547RH-Q Datasheet HTML 3Page - Intersil Corporation HS0-0547RH-Q Datasheet HTML 4Page - Intersil Corporation HS0-0547RH-Q Datasheet HTML 5Page - Intersil Corporation HS0-0547RH-Q Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
3544.2
HS-0546RH, HS-0547RH
Radiation Hardened Single 16/Differential
8 Channel CMOS Analog Multiplexers with
Active Overvoltage Protection
The HS-0546RH and HS-0547RH are radiation hardened
analog multiplexers with Active Overvoltage Protection and
guaranteed rON matching. Analog input levels may greatly
exceed either power supply without damaging the device or
disturbing the signal path of other channels. Active protection
circuitry assures that signal fidelity is maintained even under
fault conditions that would destroy other multiplexers. Analog
inputs can withstand constant 70V peak-to-peak levels with
±15V supplies and digital inputs will sustain continuous faults
up to 4V greater than either supply. In addition, signal sources
are protected from short circuiting should multiplexer supply
loss occur: each input presents 1k
Ω of resistance under this
condition. These features make the HS-0546RH and
HS-0547RH ideal for use in systems where the analog inputs
originate from external equipment or separately powered
circuitry. Both devices are fabricated with 44V dielectrically
isolated CMOS technology. The HS-0546 is a 16 channel
device and the HS-0547 is an 8 channel differential version. If
input overvoltage protection is not needed, the HS-0506 and
HS-0507 multiplexers are recommended.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95693. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95693
• QML Qualified per MIL-PRF-38535 Requirements
• Gamma Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 104RAD(Si)
• No Latch-Up
• No Channel Interaction During Overvoltage
• Guaranteed rON Matching
• Maximum Power Supply . . . . . . . . . . . . . . . . . . . . . . . .44V
• Break-Before-Make Switch
• Analog Signal Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . .±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0
µs
Applications
• Data Acquisition Systems
• Control Systems
• Telemetry
Pinouts
HS-0546RH GDIP1-T28 (CERDIP) OR CDIP2-T28 (SBDIP)
TOP VIEW
HS-0547RH GDIP1-T28 (CERDIP) OR CDIP2-T28 (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962D9569301V9A
HS0-0546RH-Q
25
5962D9569301VXA
HS1-0546RH-Q
-55 to 125
5962D9569301VXC
HS1B-0546RH-Q
-55 to 125
5962D9569302V9A
HS0-0547RH-Q
25
5962D9569302VXA
HS1-0547RH-Q
-55 to 125
5962D9569302VXC
HS1B-0547RH-Q
-55 to 125
VSUPPLY
NC
NC
IN 16
IN 15
IN 14
IN 13
IN 12
IN 11
IN 10
IN 9
GND
VREF
ADDRESS A3
OUT
IN 8
IN 7
IN 6
IN 5
IN 3
IN 1
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A0
-VSUPPLY
IN 4
IN 2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+VSUPPLY
OUT B
NC
IN 8B
IN 7B
IN 6B
IN 5B
IN 4B
IN 3B
IN 2B
IN 1B
GND
VREF
NC
OUT A
IN 8A
IN 7A
IN 6A
IN 5A
IN 3A
IN 1A
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A2
-VSUPPLY
IN 4A
IN 2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HS0-0547RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS0-0547RH-Q INTERSIL-HS0-0547RH-Q Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS0-0547RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
logo
Renesas Technology Corp
HI-548 RENESAS-HI-548 Datasheet
794Kb / 15P
   Single 8/Differential 4-Channel CMOS Analog Multiplexers with Active Overvoltage Protection
April 9, 2012
logo
Intersil Corporation
HS-0508RH INTERSIL-HS-0508RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
logo
Harris Corporation
HI-506L HARRIS-HI-506L Datasheet
448Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
HI3-506L HARRIS-HI3-506L Datasheet
458Kb / 9P
   Single 16/Differential 8 Channel CMOS Analog Multiplexers With Latches And Overvoltage Protection
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
   Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com