Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC3612 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FDMC3612
Description  N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDMC3612 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDMC3612 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDMC3612 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDMC3612 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDMC3612 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd FDMC3612 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd FDMC3612 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
N-Channel MOSFET
FDMC3612 (KDMC3612)
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250μA, VGS=0V
100
V
Zero Gate Voltage Drain Current
IDSS
VDS=80V, VGS=0V
1
μ
A
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
2
2.5
4
V
VGS=10V, ID=3.3A
92
110
VGS=6V, ID=3A
98
122
VGS=10V, ID=3.3A TJ=125℃
177
212
Forward Transconductance
gFS
VDS=10V, ID=3.3A
13
S
Input Capacitance
Ciss
662
880
Output Capacitance
Coss
40
55
Reverse Transfer Capacitance
Crss
23
35
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.3
Ω
VGS=0V to 10V, VDS=50V, ID=3.3A
14.4
21
7.9
12
Gate Source Charge
Qgs
2.3
Gate Drain Charge
Qgd
3.7
Turn-On DelayTime
td(on)
7.4
15
Turn-On Rise Time
tr
2.8
10
Turn-Off DelayTime
td(off)
19
34
Turn-Off Fall Time
tf
2
10
Body Diode Reverse Recovery Time
trr
34
55
Body Diode Reverse Recovery Charge
Qrr
37
60
nC
Maximum Body-Diode Continuous Current
IS
3.3
A
IS=3.3A,VGS=0V
0.88
1.2
IS=2A,VGS=0V
0.77
1.2
ns
VGS=10V, VDS=50V, ID=3.3A,RG=6Ω
RDS(On)
Static Drain-Source On-Resistance
Total Gate Charge
Qg
nC
IF= 3.3A, dI/dt= 100A/μs
VGS=0V, VDS=50V, f=1MHz
VGS=0V to 5V, VDS=50V, ID=3.3A
pF
Diode Forward Voltage (Note.1)
VSD
V
Note.1:Pulse Test: Pulse Width < 300 μs, Duty cycle < 2.0%.


Similar Part No. - FDMC3612

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC3612 FAIRCHILD-FDMC3612 Datasheet
335Kb / 7P
   N-Channel Power Trench짰 MOSFET
logo
ON Semiconductor
FDMC3612 ONSEMI-FDMC3612 Datasheet
577Kb / 10P
   MOSFET ??N-Channel, POWERTRENCH
February, 2020 ??Rev. 4
FDMC3612-L701 ONSEMI-FDMC3612-L701 Datasheet
577Kb / 10P
   MOSFET ??N-Channel, POWERTRENCH
February, 2020 ??Rev. 4
More results

Similar Description - FDMC3612

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com