Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS1B-0509RH-Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # HS1B-0509RH-Q
Description  Radiation Hardened Single 8/Differential 4-Channel CMOS Analog Multiplexers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1B-0509RH-Q Datasheet(HTML) 1 Page - Intersil Corporation

  HS1B-0509RH-Q Datasheet HTML 1Page - Intersil Corporation HS1B-0509RH-Q Datasheet HTML 2Page - Intersil Corporation HS1B-0509RH-Q Datasheet HTML 3Page - Intersil Corporation HS1B-0509RH-Q Datasheet HTML 4Page - Intersil Corporation HS1B-0509RH-Q Datasheet HTML 5Page - Intersil Corporation HS1B-0509RH-Q Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
3977.2
HS-0508RH, HS-0509RH
Radiation Hardened Single 8/Differential
4-Channel CMOS Analog Multiplexers
These radiation hardened monolithic CMOS multiplexers
each include an array of eight analog switches, a digital
decode circuit for channel selection, a voltage reference for
logic thresholds, and an ENABLE input for device selection
when several multiplexers are present.
The Dielectric Isolation (DI) process used in fabrication of
these devices eliminates the problem of latch-up. Also, DI
offers much lower substrate leakage and parasitic
capacitance than conventional junction-isolated CMOS.
Switches are guaranteed to break-before-make, so that two
channels are never shorted together. The switching
threshold for each digital input is established by an internal
+5V reference, providing a guaranteed minimum 2.4V for
logic “1” and maximum 0.8 for logic “0”. This allows direct
interface without pull-up resistors to signals from most logic
families: CMOS, TTL, DTL and some PMOS. For protection
against transient overvoltage, the digital inputs include a
series 200
Ω resistor and a diode clamp to each supply. The
HS-0508RH is an eight channel single-ended multiplexer,
and the HS-0509RH is a four channel differential version. If
input overvoltage protection is needed, the HS-0548RH and
HS-0549RH multiplexers are recommended.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95692. A “hot-link” is provided
on our homepage for downloading.
http://www.intersil.com/spacedefense/space.htm
Features
• Electrically Screened to SMD # 5962-95692
• QML Qualified per MIL-PRF-38535 Requirements
• Gamma Dose . . . . . . . . . . . . . . . . . . . . . . 1 x 104RAD(Si)
• No Latch-Up
• No Channel Interaction During Overvoltage
• Low On Resistance . . . . . . . . . . . . . . . . . . . . <200
Ω (Typ)
• 44V Maximum Power Supply
• Break-Before-Make Switch
• Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . .
±15V
• Access Time. . . . . . . . . . . . . . . . . . . . . . . . . <300ns (Typ)
Applications
• Data Acquisition Systems
• Control Systems
• Telemetry
Pinouts
HS-0508RH GDIP1-T16 (CERDIP)
OR CDIP2-T16 (SBDIP)
TOP VIEW
HS-0509RH GDIP1-T16 (CERDIP)
OR CDIP2-T16 (SBDIP)
TOP VIEW
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962D9569201VEA
HS1-0508RH-Q
-55 to 125
5962D9569201VEC
HS1B-0508RH-Q
-55 to 125
5962D9569202VEA
HS1-0509RH-Q
-55 to 125
5962D9569202VEC
HS1B-0509RH-Q
-55 to 125
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1
IN 2
IN 3
OUT
IN 4
A1
GND
+VSUPPLY
IN 5
IN 6
IN 7
IN 8
A2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1A
IN 2A
IN 3A
OUTA
IN 4A
A1
+VSUPPLY
IN 1B
IN 2B
IN 3B
IN 4B
OUT B
GND
Data Sheet
August 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HS1B-0509RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1B-0546RH-Q INTERSIL-HS1B-0546RH-Q Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS1B-0546RH-Q INTERSIL-HS1B-0546RH-Q Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS1B-0547RH-Q INTERSIL-HS1B-0547RH-Q Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS1B-0547RH-Q INTERSIL-HS1B-0547RH-Q Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS1B-0548RH-Q INTERSIL-HS1B-0548RH-Q Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
More results

Similar Description - HS1B-0509RH-Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-0548RH INTERSIL-HS-0548RH_01 Datasheet
278Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0548RH INTERSIL-HS-0548RH Datasheet
164Kb / 6P
   Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH Datasheet
197Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0546RH INTERSIL-HS-0546RH_06 Datasheet
443Kb / 6P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com