Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962F9467602VPA Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962F9467602VPA
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9467602VPA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button 5962F9467602VPA Datasheet HTML 2Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 3Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 4Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 5Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 6Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 7Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 8Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 9Page - Intersil Corporation 5962F9467602VPA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FIGURE 9. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +1)
FIGURE 10. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +2)
FIGURE 11. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES (AV = +6)
FIGURE 12. -3dB BANDWIDTH vs TEMPERATURE (AV = +1)
FIGURE 13. GAIN FLATNESS (AV = +2)
FIGURE 14. DEVIATION FROM LINEAR PHASE (AV = +2)
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = 25oC, Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.160VP-P
0.500VP-P
0.920VP-P
1.63VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
0.32VP-P
1.00VP-P
1.84VP-P
3.26VP-P
FREQUENCY (MHz)
+20
+10
0
-10
-20
0.3
1
10
100
1K
-30
3.89VP-P
0.96VP-P
TO
TEMPERATURE (oC)
950
900
850
800
750
-50
-25
0
75
125
700
25
50
100
FREQUENCY (MHz)
0
-0.05
-0.10
1
10
100
-0.15
-0.20
+2.0
+1.5
+1.0
+0.5
0
-0.5
-1.0
-1.5
-2.0
0
15
30
45
60
75
90
105
120
135
150
FREQUENCY (MHz)
HS-1100RH


Similar Part No. - 5962F9467602VPA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962F9553601VHA NSC-5962F9553601VHA Datasheet
1Mb / 31P
   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
logo
Texas Instruments
5962F9553601VHA TI1-5962F9553601VHA Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
5962F9553601VHA TI1-5962F9553601VHA Datasheet
1Mb / 31P
[Old version datasheet]   Very High Speed, High Output Current, Voltage Feedback Amplifier
5962F9553601VHA TI-5962F9553601VHA Datasheet
1Mb / 31P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
REVISED APRIL 2013
5962F9553601VHA TI-5962F9553601VHA Datasheet
1Mb / 34P
[Old version datasheet]   LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
APRIL 2013
More results

Similar Description - 5962F9467602VPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Intersil Corporation
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com