Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-1100RH Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS-1100RH
Description  Radiation Hardened, Ultra High Speed Current Feedback Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-1100RH Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS-1100RH Datasheet HTML 3Page - Intersil Corporation HS-1100RH Datasheet HTML 4Page - Intersil Corporation HS-1100RH Datasheet HTML 5Page - Intersil Corporation HS-1100RH Datasheet HTML 6Page - Intersil Corporation HS-1100RH Datasheet HTML 7Page - Intersil Corporation HS-1100RH Datasheet HTML 8Page - Intersil Corporation HS-1100RH Datasheet HTML 9Page - Intersil Corporation HS-1100RH Datasheet HTML 10Page - Intersil Corporation HS-1100RH Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FIGURE 15. SETTLING RESPONSE (AV = +2, VOUT = 2V)
FIGURE 16. 3RD ORDER INTERMODULATION INTERCEPT
(2-TONE)
FIGURE 17. 2ND HARMONIC DISTORTION vs POUT
FIGURE 18. 3RD HARMONIC DISTORTION vs POUT
FIGURE 19. OVERSHOOT vs INPUT RISE TIME (AV = +1)
FIGURE 20. OVERSHOOT vs INPUT RISE TIME (AV = +2)
Typical Performance Curves VSUPPLY = ±5V, RF = 510Ω, RL = 100Ω, TA = 25oC, Unless Otherwise Specified (Continued)
TIME (ns)
0.6
0.4
0.2
0
-4
1
6
21
31
-0.2
11
16
26
36
41
46
-0.4
-0.6
FREQUENCY (MHz)
40
35
30
25
20
0
100
200
15
300
400
10
5
0
OUTPUT POWER (dBm)
-30
-35
-40
-45
-50
-5
3
-55
-60
-65
-70
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
OUTPUT POWER (dBm)
-30
-40
-50
-60
-70
-5
3
-80
-90
-100
-110
-3
-1
1
5
7
9
11
13
15
100MHz
50MHz
30MHz
INPUT RISE TIME (ps)
38
36
34
32
30
100
500
28
26
24
22
200
300
400
600
700
800
900
1000
VOUT = 1VP-P
VOUT = 2VP-P
VOUT = 0.5VP-P
20
18
16
14
12
10
8
6
INPUT RISE TIME (ps)
35
30
25
20
15
100
500
10
5
0
200
300
400
600
700
800
900
1000
RF = 360Ω
VOUT = 2VP-P
RF = 360Ω
VOUT = 1VP-P
RF = 360Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 0.5VP-P
RF = 510Ω
VOUT = 1VP-P
RF = 510Ω
VOUT = 2VP-P
HS-1100RH


Similar Part No. - HS-1100RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1115RH INTERSIL-HS-1115RH Datasheet
42Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1115RH INTERSIL-HS-1115RH_02 Datasheet
133Kb / 4P
   Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
More results

Similar Description - HS-1100RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1120RH INTERSIL-HS-1120RH Datasheet
119Kb / 11P
   Radiation Hardened, Ultra High Speed Current Feedback Amplifier with Offset Adjust
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
   Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
   Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
   Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Intersil Corporation
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
   Single Event Radiation Hardened High Speed, Current Mode PWM
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
   Single Event Radiation Hardened High Speed, Current Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com