Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG759 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG759
Description  4-/8-Channel Multiplexers in Chip Scale Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG759 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG759_15 Datasheet HTML 3Page - Analog Devices ADG759_15 Datasheet HTML 4Page - Analog Devices ADG759_15 Datasheet HTML 5Page - Analog Devices ADG759_15 Datasheet HTML 6Page - Analog Devices ADG759_15 Datasheet HTML 7Page - Analog Devices ADG759_15 Datasheet HTML 8Page - Analog Devices ADG759_15 Datasheet HTML 9Page - Analog Devices ADG759_15 Datasheet HTML 10Page - Analog Devices ADG759_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG758/ADG759
–7–
REV.
Typical Performance Characteristics–
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
01
234
5
TA = 25 C
VSS = 0V
7
6
5
4
3
2
1
0
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
TPC 1. ON Resistance as a Function of VD (VS) for Single
Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
8
–3.0
TA = 25 C
7
6
5
4
3
2
0
–2.5 –2.0 –1.5 –1.0 –0.5
1.0
1.5
2.0
2.5
3.0
0.5
0
VDD = +2.25V
VSS = –2.25V
VDD = +2.75V
VSS = –2.75V
1
TPC 2. ON Resistance as a Function of VD (VS) for Dual
Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
01
2
3
45
7
6
5
4
3
2
1
0
+85 C
+25 C
–40 C
8
VDD = 5V
VSS = 0V
TPC 3. ON Resistance as a Function of VD (VS) for Different
Temperatures, Single Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
0
0.5
7
6
5
4
3
2
1
0
1.0
1.5
2.0
2.5
3.0
–40 C
+25 C
+85 C
8
VDD = 3V
VSS = 0V
TPC 4. ON Resistance as a Function of VD (VS) for
Different Temperatures, Single Supply
VD OR VS – DRAIN OR SOURCE VOLTAGE – V
7
6
5
4
3
2
1
0
–3.0 –2.5 –2.0 –1.5 –1.0
1.0
1.5
2.0
2.5
0.5
0
VDD = +2.5V
VSS = –2.5V
+85 C
+25 C
–40 C
3.0
8
–0.5
TPC 5. ON Resistance as a Function of VD (VS) for
Different Temperatures, Dual Supply
VS, (VD = VDD – VS) – V
01
0.12
23
4
5
VDD = 5V
VSS = 0V
TA = 25 C
0.08
0.04
0.00
–0.04
–0.08
–0.12
ID (ON), VS = VD
IS (OFF)
ID (OFF)
TPC 6. Leakage Currents as a Function of VD (VS)
B


Similar Part No. - ADG759_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG759BCP AD-ADG759BCP Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ-REEL AD-ADG759BCPZ-REEL Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ-REEL7 AD-ADG759BCPZ-REEL7 Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
More results

Similar Description - ADG759_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
   8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
   8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN1408C CALMIRCO-PACDN1408C Datasheet
747Kb / 3P
   ESD PROTECTION ARRAYS, 8 CHANNEL, CHIP SCALE PACKAGE
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com