Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP9701ACN Datasheet(PDF) 11 Page - Intersil Corporation

Part # HMP9701ACN
Description  AC??7 Audio Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP9701ACN Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HMP9701ACN Datasheet HTML 7Page - Intersil Corporation HMP9701ACN Datasheet HTML 8Page - Intersil Corporation HMP9701ACN Datasheet HTML 9Page - Intersil Corporation HMP9701ACN Datasheet HTML 10Page - Intersil Corporation HMP9701ACN Datasheet HTML 11Page - Intersil Corporation HMP9701ACN Datasheet HTML 12Page - Intersil Corporation HMP9701ACN Datasheet HTML 13Page - Intersil Corporation HMP9701ACN Datasheet HTML 14Page - Intersil Corporation HMP9701ACN Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Pinout
HMP9701A (TQFP)
TOP VIEW
LINE_OUT_R
LINE_OUT_L
NC
RESERVED
NC
AFILT2
AFILT1
VREFOUT
VREF
AGND
VAA
AFILT3
VDD
XTL_IN
XTL_OUT
GND
SDATA_OUT
BIT_CLK
GND
SDATA_IN
VDD
SYNC
RESET
PC_BEEP
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Pin Descriptions
NAME
TQFP PIN
NUMBER
INPUT/
OUTPUT
DESCRIPTION
DIGITAL I/O
RESET
11
I
RESET - This active low signal causes a HMP9701A hardware reset that will return the control/sta-
tus registers to their default conditions.
SYNC
10
I
SYNC - 48kHz sync pulse which defines the beginning of serial audio I/O frames. Note: must be
synchronous to BIT_CLK.
BIT_CLK
6
O
BIT Clock - 12.288MHz serial data clock derived by dividing down 24.576MHz crystal input.
SDATA_OUT
5
I
Serial Data Out - Output bit stream that contains audio playback samples as well as control data.
This input is sampled on the falling edge of BIT_CLK.
SDATA_IN
8
O
Serial Data In - Input bit stream that contains recorded audio samples as well as codec status in-
formation. Data output on the rising edge of BIT_CLK.
ANALOG I/O
PC_BEEP
12
I
PC Beep. Mono Input for PC Beep pass through to LINE_OUT. This input is attenuated from 0dB
to 45dB in 3dB steps and then summed with left and right line outputs (LINE_OUT_L,
LINE_OUT_R)
PHONE
13
I
Phone. Mono Input from telephony subsystem speaker phone (or DLP - Down Line Phone)
MIC1
21
I
Microphone Input 1. The MIC input may be either line-level or -20dB from line-level. In the latter
case, a software controlled 20dB gain block may be activated.
MIC2
22
I
Microphone Input 2. The MIC input may be either line-level or -20dB from line-level. In the latter
case, a software controlled 20dB gain block may be activated.
LINE_IN_L
23
I
Left Line Input. The left line-level may be selected for recording via one of the stereo ADC’s via the
Input Mux. In addition, this input can be gained/attenuated from +12dB to -34.5dB in 1.5dB steps
and then summed with left line output (LINE_OUT_L).
HMP9701A


Similar Part No. - HMP9701ACN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
HMP9701CN INTERSIL-HMP9701CN Datasheet
174Kb / 20P
   AC??7 Audio Codec
HMP9701EVAL2 INTERSIL-HMP9701EVAL2 Datasheet
174Kb / 20P
   AC??7 Audio Codec
More results

Similar Description - HMP9701ACN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
   AC??7 Audio CODEC
logo
Cirrus Logic
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
   AC??7 Audio Codec
Rev 4.0 DEC 2016
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
   AC??7 Audio Codec
logo
Wolfson Microelectronic...
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
   AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
   AC??7 Audio and Touchpanel Codec
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
   AC??7 Audio and Touchpanel CODEC
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com