Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG783 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG783
Description  Quad SPST Switches in Chip Scale Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG783 Datasheet(HTML) 4 Page - Analog Devices

  ADG783_15 Datasheet HTML 1Page - Analog Devices ADG783_15 Datasheet HTML 2Page - Analog Devices ADG783_15 Datasheet HTML 3Page - Analog Devices ADG783_15 Datasheet HTML 4Page - Analog Devices ADG783_15 Datasheet HTML 5Page - Analog Devices ADG783_15 Datasheet HTML 6Page - Analog Devices ADG783_15 Datasheet HTML 7Page - Analog Devices ADG783_15 Datasheet HTML 8Page - Analog Devices ADG783_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
REV.
ADG781/ADG782/ADG783
–4–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
Analog, Digital Inputs
2
. . . . . . . . . . –0.3 V to VDD + 0.3 V or
30 mA, Whichever Occurs First
Continuous Current, S or D . . . . . . . . . . . . . . . . . . . . . 30 mA
Peak Current, S or D . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
(Pulsed at 1 ms, 10% Duty Cycle max)
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . .
150
°C
Chip Scale Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 32°C/W
Lead Temperature, Soldering (10 sec) . . . . . . . . . . . . 300
°C
IR Reflow (<20 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 235
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
2Overvoltages at IN, S, or D will be clamped by internal diodes. Current should be
limited to the maximum ratings given.
PIN CONFIGURATION
Table I. Truth Table (ADG781/ADG782)
ADG781 In
ADG782 In
Switch Condition
01
ON
1
0
OFF
Table II. Truth Table (ADG783)
Logic
Switch 1, 4
Switch 2, 3
0
OFF
ON
1
ON
OFF
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADG781/ADG782/ADG783 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(LFCSP)
C
14
13
12
1
3
4
S2
15 D2
VDD
S3
11 D3
D1
GND
2
S1
S4
5
D4
ADG781/
ADG782/
ADG783
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD TIED TO SUBSTRATE, GND.


Similar Part No. - ADG783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG783BCP AD-ADG783BCP Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
More results

Similar Description - ADG783_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG782 AD-ADG782_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781_15 Datasheet
172Kb / 9P
   Quad SPST Switches in Chip Scale Package
REV. C
ADG781 AD-ADG781 Datasheet
169Kb / 8P
   2.5 ohm Quad SPST Switches in Chip Scale Package
REV. A
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
   SPDT Switches in Chip Scale Packages
REV. B
logo
Maxim Integrated Produc...
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201AKR-REEL7 AD-ADG201AKR-REEL7 Datasheet
233Kb / 6P
   LCMOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com