Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM1-6642-9 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HM1-6642-9
Description  512 x 8 CMOS PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HM1-6642-9 Datasheet(HTML) 5 Page - Intersil Corporation

  HM1-6642-9 Datasheet HTML 1Page - Intersil Corporation HM1-6642-9 Datasheet HTML 2Page - Intersil Corporation HM1-6642-9 Datasheet HTML 3Page - Intersil Corporation HM1-6642-9 Datasheet HTML 4Page - Intersil Corporation HM1-6642-9 Datasheet HTML 5Page - Intersil Corporation HM1-6642-9 Datasheet HTML 6Page - Intersil Corporation HM1-6642-9 Datasheet HTML 7Page - Intersil Corporation HM1-6642-9 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6-5
FIGURE 1. HM-6642 PROGRAMMING CYCLE
FIGURE 2. HM-6642 POST PROGRAMMING VERIFY CYCLE
TEHEL
tD
VERIFY
VALID
PROGRAMMING
VALID
tD
tD
tD
tD
tR
tD
tD
tF
tPW
READ DATA
VCC PROG
VIH
VIL
VIH
VIL
VCC PROG
VIH
VIL
VCC PROG
VIH
VIL
VCC PROG
VCC
GND
VCC PROG
VIH/VOH
VIL/VOL
A
E
G
P
VCC
Q
VALID
TAVEL
TEHEL
TEHEL
VIH
VIL
VIH
VIL
6.0V
5.0V
4.0V
0.0V
VOH
VOL
TELQV
READ
TELQV
READ
READ
TELQV
TEHEL
tD
tD
A
E
VCC
Q
HM-6642


Similar Part No. - HM1-6642-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM1-6642/883 INTERSIL-HM1-6642/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
HM1-6642B/883 INTERSIL-HM1-6642B/883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results

Similar Description - HM1-6642-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C225A CYPRESS-CY7C225A_06 Datasheet
322Kb / 10P
   512 x 8 Registered PROM
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
   (512 x 8) 4096-Bit TTL PROM
November 1990
DM54S472 NSC-DM54S472 Datasheet
76Kb / 4P
   (512 x 8) 4096-Bit TTL PROM
DM74S475 NSC-DM74S475 Datasheet
232Kb / 4P
   512 x 8 4096-Bit TTL PROM
logo
Intel Corporation
M3604A INTEL-M3604A Datasheet
151Kb / 2P
   4K(512 x 8) HIGH-SPEED PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com